Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM8056
Description  60VIN, 3A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8056 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM8056 Datasheet HTML 11Page - Linear Technology LTM8056 Datasheet HTML 12Page - Linear Technology LTM8056 Datasheet HTML 13Page - Linear Technology LTM8056 Datasheet HTML 14Page - Linear Technology LTM8056 Datasheet HTML 15Page - Linear Technology LTM8056 Datasheet HTML 16Page - Linear Technology LTM8056 Datasheet HTML 17Page - Linear Technology LTM8056 Datasheet HTML 18Page - Linear Technology LTM8056 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTM8073
15
8073fa
For more information www.linear.com/LTM8073
applicaTions inForMaTion
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the inter-
nal power switching stage and operate other internal cir-
cuitry. For proper operation, it must be powered by at
least 3.2V. If the output voltage is programmed to 3.2V
or higher, BIAS may be simply tied to AUX. If VOUT is less
than 3.2V, BIAS can be tied to VIN or some other voltage
source. If the BIAS pin voltage is too high, the efficiency
of the LTM8073 may suffer. The optimum BIAS voltage is
dependent upon many factors, such as load current, input
voltage, output voltage and switching frequency. In all
cases, ensure that the maximum voltage at the BIAS pin
is less than 19V. If BIAS power is applied from a remote
or noisy voltage source, it may be necessary to apply a
decoupling capacitor locally to the pin. A 1µF ceramic
capacitor works well. The BIAS pin may also be left open
at the cost of a small degradation in efficiency.
If the LTM8073 is configured to provide a negative output,
do not connect BIAS to VOUT or AUX. Instead, tie to BIAS
to the LTM8073 GND, which should be the negative output.
Maximum Load
The maximum practical continuous load that the LTM8073
can drive, while rated at 3A, actually depends upon both
the internal current limit and the internal temperature.
The internal current limit is designed to prevent damage
to the LTM8073 in the case of overload or short-circuit.
The internal temperature of the LTM8073 depends upon
operating conditions such as the ambient temperature,
the power delivered, and the heat sinking capability of the
system. For example, if the LTM8073 is configured to reg-
ulate at 1.2V, it may continuously deliver 4.5A from 12VIN
if the ambient temperature is controlled to less than 55°C;
this is more than the 3A continuous rating. Please see the
derating curve for VOUT = 1.2V in the Typical Performance
Characteristics section. Similarly, if the output voltage is
15V and the ambient temperature is 95°C, the LTM8073
will deliver at most 2A from 24VIN, which is less than the
3A continuous rating.
Load Sharing
LTM8073s may be paralleled to produce higher currents.
To do this, tie the VIN, VOUT and SHARE pins of all the
paralleled LTM8073s together. To ensure that paralleled
modules start up together, the TR/SS pins may be tied
together, as well. If it is inconvenient to tie the TR/SS pins
together, make sure that the same valued soft-start capac-
itors are used for each µModule regulator. An example of
two LTM8073s configured for load sharing is given in the
Typical Applications section.
For closer load sharing, synchronize the LTM8073s to an
external clock source. When load sharing among n units
and using a single RFB resistor, the value of the resistor is:
RFB =
199.7
n VOUT –0.8
(
)
where RFB is in kΩ.
Burst Mode Operation
To enhance efficiency at light loads, the LTM8073 auto-
matically switches to Burst Mode operation which keeps
the output capacitor charged to the proper voltage while
minimizing the input quiescent current. During Burst
Mode operation, the LTM8073 delivers single cycle bursts
of current to the output capacitor followed by sleep peri-
ods where most of the internal circuitry is powered off
and energy is delivered to the load by the output capacitor.
During the sleep time, VIN and BIAS quiescent currents
are greatly reduced, so, as the load current decreases
towards a no load condition, the percentage of time that
the LTM8073 operates in sleep mode increases and the
average input current is greatly reduced, resulting in
higher light load efficiency.
Burst Mode operation is enabled by tying SYNC to GND.
Minimum Input Voltage
The LTM8073 is a step-down converter, so a minimum
amount of headroom is required to keep the output in
regulation. Keep the input above 3.4V to ensure proper
operation. Voltage transients or ripple valleys that cause
the input to fall below 3.4V may turn off the LTM8073.
Output Voltage Tracking and Soft-Start
The LTM8073 allows the user to program its output volt-
age ramp rate by means of the TR/SS pin. An internal 2μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com