Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM8032
Description  60VIN, 3A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 18Page - Linear Technology LTM8032 Datasheet HTML 19Page - Linear Technology LTM8032 Datasheet HTML 20Page - Linear Technology LTM8032 Datasheet HTML 21Page - Linear Technology LTM8032 Datasheet HTML 22Page - Linear Technology LTM8032 Datasheet HTML 23Page - Linear Technology LTM8032 Datasheet HTML 24Page - Linear Technology LTM8032 Datasheet HTML 25Page - Linear Technology LTM8032 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTM8073
22
8073fa
For more information www.linear.com/LTM8073
Typical applicaTions
–5VOUT from 3.4VIN to 55VIN Positive to Negative Converter. BIAS Tied to LTM8073 GND
Maximum Load Current vs VIN,
BIAS Tied to LTM8073 GND
Use Two LTM8073s Powered from the Same Input Source to Get More Output Current
INPUT VOLTAGE (V)
0
20
40
60
0
1
2
3
4
5
8073 TA05b
1µF
100µF
47.5k
LTM8073
VOUT
RUN
OPTIONAL
SCHOTTKY
DIODE
VIN
VIN
3.4V TO 35V
FB
GND SYNC BIAS
8073 TA05a
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE, AUX
32.4k
1.2MHz
RT
INPUT BULK CAP
VOUT
–5V
1µF
47.5k
850kHz
LTM8073
VOUT
FB
AUX
BIAS
VOUT
3.3V
6.5A CONTINUOUS
10A PEAK
VIN
VIN
7V TO 40V
GND
TR/SS
RUN
SYNC
OPTIONAL
SYNC
SHARE
TR/SS
SHARE
RT
1µF
100µF
47.5k
850kHz
40.2k
LTM8073
VOUT
FB
AUX
BIAS
VIN
GND
RUN
SYNC
OPTIONAL
SYNC
RT
8073 TA06
PIN NOT USED IN THIS CIRCUIT: PG
100µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com