Electronic Components Datasheet Search
  English  ▼

X  

LS-E65F Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LS-E65F
Description  white P-LCC-4 package, colorless clear resin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-E65F Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LS-E65F Datasheet HTML 8Page - OSRAM GmbH LS-E65F Datasheet HTML 9Page - OSRAM GmbH LS-E65F Datasheet HTML 10Page - OSRAM GmbH LS-E65F Datasheet HTML 11Page - OSRAM GmbH LS-E65F Datasheet HTML 12Page - OSRAM GmbH LS-E65F Datasheet HTML 13Page - OSRAM GmbH LS-E65F Datasheet HTML 14Page - OSRAM GmbH LS-E65F Datasheet HTML 15Page - OSRAM GmbH LS-E65F Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
2011-07-19
12
LS E65F, LA E65F, LY E65F
Maßzeichnung8) Seite 19
Package Outlines8) page 19
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15ppm H
2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H
2S / 336h
Gewicht / Approx. weight:
38 mg
Gurtung / Polarität und Lage8) Seite 19
Verpackungseinheit 2000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation8) page 19
Packing unit 2000/reel, ø330 mm
3.5 (0.138) max.
0.13 (0.005)
0.18 (0.007)
0.1 (0.004) typ
2.6 (0.102)
2.1 (0.083)
2.3 (0.091)
3.0 (0.118)
GPLY6085
0.4 (0.016)
0.6 (0.024)
0.9 (0.035)
0.7 (0.028)
1.7 (0.067)
2.1 (0.083)
0.6 (0.024)
0.8 (0.031)
A
A
C
A
Package marking
A
C
A
A
OHAY6086
1.5 (0.059)
2 (0.079)
4 (0.157)
3 (0.118)
8 (0.315)
A
A
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com