Electronic Components Datasheet Search
  English  ▼

X  

MP6903DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6903DS
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6903DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6903DS Datasheet HTML 1Page - Monolithic Power Systems MP6903DS Datasheet HTML 2Page - Monolithic Power Systems MP6903DS Datasheet HTML 3Page - Monolithic Power Systems MP6903DS Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV6903DS-00A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
EV6903DS-00A Rev. 1.0
www.MonolithicPower.com
2
10/19/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
1
2
D3
1
2
D1
NS
Q2
NS
100k
R2
1nF
C2
2.2µF
C1
VG
VS
VD
VDD
EN
PGND
R3
3
2
Q1
MOSFET
VSS
5
VG
8
VD
4
NC
7
RLL
3
PGND
1
EN
2
VDD
6
U1
MP6903 / SO8
0
R1
1
2
D2
NS
R4
EV6903DS-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
2.2μF
Ceramic Cap., 25V,
X7R
0805
muRata
GRM21BR71E225KA73L
1
C2
1nF
Ceramic Cap., 50V,
X7R
0603
TDK
C1608X7R1H102K
1
R1
0
Film Res., 5%
0603
Yageo
RC0603JR-070RL
1
R2
100k
Film Res., 1%
0603
Yageo
RC0603FR-07100KL
1
R3
1k
Film Res., 1%
0603
Royalohm
0603F1001T5E
0
R4
NS
N-CH 100V 8.8mΩ
TO220-AB
Vishay
SUP90N10-8M8P
1
Q1
MOSFET
N-CH 100V 8mΩ
TO220
APEC
AP85T10GP
0
Q2
NS
PowerPAK-
SO8
0
D1
NS
SMC
0
D2
NS
TO220
1
D3
DIODES
75V/0.15A
SOD323
Diodes
IN4148WS-7-F
1
U1
MP6903DS MP6903DS
SO-8
MPS
MP6903DS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com