Electronic Components Datasheet Search
  English  ▼

X  

MP6922DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6922DS
Description  High Efficiency Synchronous Rectification EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6922DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6922DS Datasheet HTML 1Page - Monolithic Power Systems MP6922DS Datasheet HTML 2Page - Monolithic Power Systems MP6922DS Datasheet HTML 3Page - Monolithic Power Systems MP6922DS Datasheet HTML 4Page - Monolithic Power Systems MP6922DS Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV6922DS-01A
High Efficiency
Synchronous Rectification EV Board
EV6922DS-01A Rev. 1.0
www.MonolithicPower.com
1
6/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV6922DS-01A is an evaluation board for
the MP6922DS. It is configured to provide
synchronous rectification solution for LLC
topology.
MP6922DS features dual synchronous gate
outputs
which
enables
high
efficiency
rectification by replacing the schottky rectifier
with a low Ron MOSFET.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Vcc Voltage
Vcc
8–24
V
Switching Frequency
Fsw
<300
kHz
FEATURES
 Works with both Standard and Logic
Level FETS
 Compatible with Energy Star, 1W
Standby Requirements
 VDD Range From 8V to 24V
 Fast Turn-off Total Delay of 20ns
 Max 300kHz Switching Frequency
 <600μA Quiescent Current at Light
Load Mode
 Supports CCM, CrCM and DCM
Operation Mode
 Supports High-side and Low-side
Rectification
APPLICATIONS
 AC-DC Adapter
 LCD & PDP TV
 TeleCom SMPS
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
EV6922DS-01A EVALUATION BOARD
(L x W x H) 1.14” x 1.14” x 0.6”
7.1cm x 6.5cm x 2cm
Board Number
MPS IC Number
EV6922DS-01A
MP6922DS


Similar Part No. - MP6922DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6922DS MPS-MP6922DS Datasheet
312Kb / 13P
Dual Fast Turn-off Intelligent Controller
MP6922DS MPS-MP6922DS Datasheet
176Kb / 5P
High Efficiency Synchronous Rectification EV Board
MP6922DSE MPS-MP6922DSE Datasheet
312Kb / 13P
Dual Fast Turn-off Intelligent Controller
More results

Similar Description - MP6922DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6901DS-00A MPS-EV6901DS-00A Datasheet
161Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6902DS-00A MPS-EV6902DS-00A Datasheet
170Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6902-S-00B MPS-EV6902-S-00B Datasheet
193Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6903DS-00A MPS-EV6903DS-00A Datasheet
186Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6905-S-00A MPS-EV6905-S-00A Datasheet
221Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6906-S-00A MPS-EV6906-S-00A Datasheet
169Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6920-N-00A MPS-EV6920-N-00A Datasheet
142Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6922DS-00A MPS-EV6922DS-00A Datasheet
176Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6923-S-00A MPS-EV6923-S-00A Datasheet
211Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6924-S-00A MPS-EV6924-S-00A Datasheet
325Kb / 5P
High Efficiency Synchronous Rectification EV Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com