Electronic Components Datasheet Search
  English  ▼

X  

SFH-400 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH-400
Description  GaAs Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-400 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH-400 Datasheet HTML 5Page - OSRAM GmbH SFH-400 Datasheet HTML 6Page - OSRAM GmbH SFH-400 Datasheet HTML 7Page - OSRAM GmbH SFH-400 Datasheet HTML 8Page - OSRAM GmbH SFH-400 Datasheet HTML 9Page - OSRAM GmbH SFH-400 Datasheet HTML 10Page - OSRAM GmbH SFH-400 Datasheet HTML 11Page - OSRAM GmbH SFH-400 Datasheet HTML 12Page - OSRAM GmbH SFH-400 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2007-12-07
10
Version 1.0
SFH 400, SFH 401
Package Outline
Maßzeichnung
SFH 401
Dimensions in mm (inch). / Maße in mm (inch).
Package
Metal Can (TO-18), hermetically sealed package,
solder tabs lead spacing 2.54 mm (1/10"), glass lens
Gehäuse
Metall Gehäuse (TO-18), hermetisch dichtes
Gehäuse, Anschlüsse im 2.54 mm-Raster (1/10"),
Glaslinse
5.3 (0.209)
5.0 (0.197)
6.4 (0.252)
5.6 (0.220)
glass
lens
welded
Anode
Cathode
= SFH 481
= SFH 401
GETY6091
(package)
1.1
(0.043)
0.9
(0.035)
0.9
(0.035)
1.1
(0.043)
ø5.3 (0.209)
ø5.6 (0.220)
ø0.45 (0.018)
(2.7 (0.106))
Chip position
12.5 (0.492)
14.5 (0.571)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com