Electronic Components Datasheet Search
  English  ▼

X  

FAN3100CMPX Datasheet(PDF) 1 Page - ON Semiconductor

Part # FAN3100CMPX
Description  Single 2 A High-Speed, Low-Side Gate Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3100CMPX Datasheet(HTML) 1 Page - ON Semiconductor

  FAN3100CMPX Datasheet HTML 1Page - ON Semiconductor FAN3100CMPX Datasheet HTML 2Page - ON Semiconductor FAN3100CMPX Datasheet HTML 3Page - ON Semiconductor FAN3100CMPX Datasheet HTML 4Page - ON Semiconductor FAN3100CMPX Datasheet HTML 5Page - ON Semiconductor FAN3100CMPX Datasheet HTML 6Page - ON Semiconductor FAN3100CMPX Datasheet HTML 7Page - ON Semiconductor FAN3100CMPX Datasheet HTML 8Page - ON Semiconductor FAN3100CMPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© 2007 Semiconductor Components Industries, LLC.
Publication Order Number:
December-2017, Rev . 2
FAN3100T/D
FAN3100C / FAN3100T
Single 2 A High-Speed, Low-Side Gate Driver
Features
3 A Peak Sink/Source at V
DD = 12 V
4.5 to 18 V Operating Range
2.5 A Sink / 1.8 A Source at V
OUT = 6 V
Dual-Logic Inputs Allow Configuration as
Non-Inverting or Inverting w ith Enable Function
Internal Resistors Turn Driver Off If No Inputs
13 ns Typical Rise Time and 9 ns Typical Fall-Time
w ith 1 nF Load
Choice of TTL or CMOS Input Thresholds
MillerDrive™ Technology
Typical Propagation Delay Time Under 20 ns w ith
Input Falling or Rising
6-Lead, 2x2 mm MLP or 5-Pin, SOT23 Packages
Rated from –40°C to 125°C Ambient
Applications
Sw itched-Mode Pow er Supplies (SMPS)
High-Efficiency MOSFET Sw itching
Synchronous Rectifier Circuits
DC-to-DC Converters
Motor Control
Description
The FAN3100 2 A gate driver is designed to drive an N-
channel
enhancement-mode
MOSFET
in
low -side
sw itching applications by providing high peak current
pulses during the short sw itching intervals. The driver is
available
w ith
either
TTL
(FAN3100T)
or
CMOS
(FAN3100C) input thresholds. Internal circuitry provides
an under-voltage lockout function by holding the output
LOW until the supply voltage is w ithin the operating range.
The
FAN3100
delivers
fast
MOSFET
sw itching
performance, w hich helps maximize efficiency in high-
frequency pow er converter designs.
FAN3100 drivers incorporate MillerDrive™ architecture for
the final output stage. This bipolar-MOSFET combination
provides high peak current during the Miller plateau stage
of the MOSFET turn-on / turn-off process to minimize
sw itching loss, w hile providing rail-to-rail voltage sw ing
and reverse current capability.
The FAN3100 also offers dual inputs that can be
configured to operate in non-inverting or inverting mode
and allow implementation of an enable function. If one or
both inputs are left unconnected, internal resistors bias
the inputs such that the output is pulled LOW to hold the
pow er MOSFET off.
The FAN3100 is available in a lead-free finish, 2x2 mm, 6-
lead, Molded Leadless Package (MLP) for the smallest
size w ith excellent thermal performance; or industry-
standard, 5-pin, SOT23.
Functional Pin Configurations
1
6
5
2
4
3
IN+
AGND
VDD
IN-
PGND
OUT
1
2
3
5
4
VDD
GND
IN+
IN
−
OUT


Similar Part No. - FAN3100CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100CMPX FAIRCHILD-FAN3100CMPX Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3100CMPX FAIRCHILD-FAN3100CMPX Datasheet
1Mb / 21P
Single 2A High-Speed, Low-Side Gate Driver
FAN3100CMPX FAIRCHILD-FAN3100CMPX Datasheet
1Mb / 21P
Single 2A High-Speed, Low-Side Gate Driver
FAN3100CMPX FAIRCHILD-FAN3100CMPX Datasheet
1Mb / 22P
Single 2A High-Speed, Low-Side Gate Driver
More results

Similar Description - FAN3100CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
Single 9-A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com