Electronic Components Datasheet Search
  English  ▼

X  

SFH-7741 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-7741
Description  Proximity Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7741 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-7741 Datasheet HTML 1Page - OSRAM GmbH SFH-7741 Datasheet HTML 2Page - OSRAM GmbH SFH-7741 Datasheet HTML 3Page - OSRAM GmbH SFH-7741 Datasheet HTML 4Page - OSRAM GmbH SFH-7741 Datasheet HTML 5Page - OSRAM GmbH SFH-7741 Datasheet HTML 6Page - OSRAM GmbH SFH-7741 Datasheet HTML 7Page - OSRAM GmbH SFH-7741 Datasheet HTML 8Page - OSRAM GmbH SFH-7741 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2010-02-04
1
2010-02-04
Proximity Sensor
Näherungssensor
Version 1.0
SFH 7741
Ordering Information
Bestellinformation
Features:
Besondere Merkmale:
• Typ. working distance: 30 mm
• Typ. Arbeitsabstand: 30 mm
• Opto hybrid with Schmitt trigger output, open drain
• Optohybrid mit Schmitt-Trigger Ausgang, open
drain
• Extremly low power consumption
• Extrem niedriger Stromverbrauch
• Very small SMD package
• Sehr kleines SMD Gehäuse
• High ambient light suppression
• Hohe Umgebungslicht Unterdrückung
• Without external lenses the SFH 7741 is Eye Safe
according to the IEC 62471 standard
• Ohne externe Linse ist der SFH 7741 augensicher
entsprechend der IEC 62471 Norm
Applications
Anwendungen
• Short range proximity sensor
• Näherungssensor für kurze Entfernungen
Type:
Ordering Code
Typ:
Bestellnummer
SFH 7741
Q65110A7073
Note: An application note is available for this product. Please contact your appropriate OSRAM sales partner.
Anm.: Für dieses Produkt ist ein Anwendungshinweis verfügbar. Bitte kontaktieren Sie Ihren zuständigen OSRAM
Vertriebspartner.


Similar Part No. - SFH-7741

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7740 OSRAM-SFH-7740 Datasheet
432Kb / 14P
Reflective Optical Switch
SFH-7743 OSRAM-SFH-7743 Datasheet
435Kb / 13P
Digitaler N채herungsdetektor mit integriertem Sender Treiber
More results

Similar Description - SFH-7741

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com