Electronic Components Datasheet Search
  English  ▼

X  

SFH-7770 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SFH-7770
Description  Umgebungslicht und N채herungssensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7770 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SFH-7770 Datasheet HTML 9Page - OSRAM GmbH SFH-7770 Datasheet HTML 10Page - OSRAM GmbH SFH-7770 Datasheet HTML 11Page - OSRAM GmbH SFH-7770 Datasheet HTML 12Page - OSRAM GmbH SFH-7770 Datasheet HTML 13Page - OSRAM GmbH SFH-7770 Datasheet HTML 14Page - OSRAM GmbH SFH-7770 Datasheet HTML 15Page - OSRAM GmbH SFH-7770 Datasheet HTML 16Page - OSRAM GmbH SFH-7770 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SFH 7770
2011-09-16
13
Ambient light measurement: time interval settings (repetition time) for FREE-RUNNING mode
Part number and revision Identification
Manufacturer Identification
R/W-Register 0x86
Bit
7
6
5
4
3
2
1
0
not used
time-interval
default XXXXX
010
500 ms
000
100 ms
001
200 ms
010
500 ms
011 1000 ms
100 2000 ms
R-Register 0x8A
Bit
7
6
5
4
3
2
1
0
Part number ID
Revision ID
1001
XXXX (start with 0000)
R-Register 0x8B
Bit
7
6
5
4
3
2
1
0
Manufacturer Identification
0000
0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com