Electronic Components Datasheet Search
  English  ▼

X  

IXFR30N50 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFR30N50
Description  HiPerFET Power MOSFETs ISOPLUS247
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR30N50 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFR30N50 Datasheet HTML 1Page - IXYS Corporation IXFR30N50 Datasheet HTML 2Page - IXYS Corporation IXFR30N50 Datasheet HTML 3Page - IXYS Corporation IXFR30N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 10 V; I
D = IT
Note 2
18
28
S
C
iss
3950
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
640
pF
C
rss
210
pF
t
d(on)
35
ns
t
r
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
42
ns
t
d(off)
R
G = 1 W (External),
75
ns
t
f
20
ns
Q
g(on)
150
nC
Q
gs
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
26
nC
Q
gd
85
nC
R
thJC
0.40
K/W
R
thCK
0.15
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
32
A
I
SM
Repetitive; pulse width limited by T
JM
128
A
V
SD
I
F = IS, VGS = 0 V, Note 1
1.5
V
t
rr
250
ns
Q
RM
0.75
mC
I
RM
7.5
A
I
F = Is,
-di/dt = 100 A/ms,
V
R = 100 V
Note: 1.
I
T test condition:
IXFR30N50: I
T = 15A
IXFR32N50: I
T = 16A
IXFR 30N50Q
IXFR 32N50Q
Note: 2.
Pulse test, t
£ 300 ms,
duty cycle d
£ 2 %
ISOPLUS 247 (IXFR) OUTLINE
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190 .205
A
1
2.29
2.54
.090 .100
A
2
1.91
2.16
.075 .085
b
1.14
1.40
.045 .055
b
1
1.91
2.13
.075 .084
b
2
2.92
3.12
.115 .123
C
0.61
0.80
.024 .031
D
20.80
21.34
.819 .840
E
15.75
16.13
.620 .635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780 .800
L1
3.81
4.32
.150 .170
Q
5.59
6.20
.220 .244
R
4.32
4.83
.170 .190
S
13.21
13.72
.520 .540
T
15.75
16.26
.620 .640
U
1.65
3.03
.065 .080
1 Gate, 2 Drain (Collector)
3 Source (Emitter)
4 no connection
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com