Electronic Components Datasheet Search
  English  ▼

X  

FCA10304 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA10304
Description  ~16째 diffused spot beam optimized for CREE XR-E. Assembly with grey holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA10304 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA10304 Datasheet HTML 1Page - Ledil, Inc. FCA10304 Datasheet HTML 2Page - Ledil, Inc. FCA10304 Datasheet HTML 3Page - Ledil, Inc. FCA10304 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCA10304_CRS-D
CRS-D
~16° diffused spot beam optimized for CREE
XR-E. Assembly with grey holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13.8 mm
Fastening
tape
Colour
grey
Box size
Box weight
0 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE A-A-D
Lens
PC
clear
ROSE-HLD-CRS-GRY
Holder
PC
grey
ROSE-TAPE
Tape
PU tape
Last update: 10/09/2012
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA10304

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA10303 LEDIL-FCA10303 Datasheet
964Kb / 4P
~11째 spot beam optimized for CREE XR-E. Assembly with grey holder and installation tape.
FCA10305 LEDIL-FCA10305 Datasheet
1,001Kb / 4P
~30째 medium beam optimized for CREE XR-E. Assembly with grey holder.
FCA10306 LEDIL-FCA10306 Datasheet
970Kb / 4P
~45째 x 15째 oval beam optimized for CREE XR-E. Assembly with grey holder.
More results

Similar Description - FCA10304

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10644 LEDIL-FA10644_18 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E
CA11420 LEDIL-CA11420_18 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E.
CP12678 LEDIL-CP12678_16 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for CREE XP-E. Assembly with holder.
FA10343 LEDIL-FA10343 Datasheet
1Mb / 4P
~60째 wider beam optimized for CREE XR-E. Assembly with grey holder.
FA10677 LEDIL-FA10677 Datasheet
5Mb / 4P
~16째 diffused spot beam optimized for CREE MC-E. Assembly with black holder.
FCA10303 LEDIL-FCA10303 Datasheet
964Kb / 4P
~11째 spot beam optimized for CREE XR-E. Assembly with grey holder and installation tape.
FCA10305 LEDIL-FCA10305 Datasheet
1,001Kb / 4P
~30째 medium beam optimized for CREE XR-E. Assembly with grey holder.
FCA10328 LEDIL-FCA10328 Datasheet
952Kb / 4P
~15째 smooth spot beam optimized for CREE XR-E. Assembly with grey holder.
FA11910 LEDIL-FA11910_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for CREE XM-L. Assembly with white holder.
CA12375 LEDIL-CA12375 Datasheet
8Mb / 9P
~16째 diffused spot beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com