Electronic Components Datasheet Search
  English  ▼

X  

RDF5072WS48 Datasheet(PDF) 2 Page - XP Power Limited

Part # RDF5072WS48
Description  DC-DC Converter 50 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDF5072WS48 Datasheet(HTML) 2 Page - XP Power Limited

  RDF5072WS48 Datasheet HTML 1Page - XP Power Limited RDF5072WS48 Datasheet HTML 2Page - XP Power Limited RDF5072WS48 Datasheet HTML 3Page - XP Power Limited RDF5072WS48 Datasheet HTML 4Page - XP Power Limited RDF5072WS48 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RDF50 Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5
48
VDC
See Models and Ratings table
Output Trim
-20
+10
%
See Application Note
Initial Set Accuracy
±1.0
%
At full load
Minimum Load
0%
No minimum load required
Line Regulation
±0.5
%
From minimum to maximum input at full load
Load Regulation
±0.2
%
From 0% to full load for single/dual output
Transient Response
±5.0
%
Maximum deviation, recovering to less than 1% in
250 µs for 25% step load change.
Start Up Time
15
ms
Output Voltage Rise Time
10
ms
Ripple & Noise
mV pk-pk
See models and ratings table
Overload Protection
110
180
200
%
Short Circuit Protection
Continuous hiccup mode, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/ ˚C
Overvoltage Protection
115
125
140
%
Remote On/Off
Output is on if remote on/off (pin 2) is open or high (3.5-160 VDC)
Output turns off if remote on/off (pin 2) is low
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
14
160
VDC
Covers 24, 48, 72 & 110 VDC nominal inputs
Input Surge
200
VDC
For 100 ms
Undervoltage Lockout
On: >13.4 V
13.7
14.0
VDC
On
Off: <11.9 V
12.2
12.5
Off
Lockout Hysteresis
1.5
VDC
Idle Current
35
mA
When output is inhibited
Inrush Current
0.1
A2s
Recommended Input Fuse
8A
Time delay type
Input Reflected Ripple Current
40
mA pk-pk
Through 10 µH inductor
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
88
%
See Models and Ratings table
Isolation: Input to Output
Input to Case
Output to Case
3000
VDC
60 s
2500
500
VAC
Switching Frequency
180
200
220
kHz
Fixed
Isolation Resistance
109
Ω
Isolation Capacitance
1000
pF
Input to Output
1500
Input to Case
10000
Output to Case
Power Density
30
W/in3
Mean Time Between Failure
780
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.136 (61.5)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Base Plate Temperature
-40
+100
°C
Storage Temperature
-55
+105
°C
Thermal Protection
107
°C
Humidity
95
%RH
Non-condensing
Cooling
Base plate cooled



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com