Electronic Components Datasheet Search
  English  ▼

X  

MP8007 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8007
Description  IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 2Page - Monolithic Power Systems MP8007 Datasheet HTML 3Page - Monolithic Power Systems MP8007 Datasheet HTML 4Page - Monolithic Power Systems MP8007 Datasheet HTML 5Page - Monolithic Power Systems MP8007 Datasheet HTML 6Page - Monolithic Power Systems MP8007 Datasheet HTML 7Page - Monolithic Power Systems MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems MP8007 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EV8007-V-00A—PRIMARY-SIDE REGULATE FLYBACK CONVERTER EVB
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV8007-V-00A Rev. 1.0
www.MonolithicPower.com
10
8/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TM
QUICK START GUIDE
The output voltage of this board is set to 12V. The board layout accommodates most commonly used
components. There are two methods to start MP8007.
Method 1:
1. Connect Load to:
a. Positive (+): VOUT
b. Negative (–): VOGND
2. Plug the cable coming from the PSE into the Ethernet Jack J1. The board will automatically startup.
Method 2:
1. Preset Power Supply to 40V ≤ VIN ≤ 57V. (It can work in 37V ≤ VIN ≤ 57V after power up.)
2. Turn Power Supply off.
3. Connect Power Supply terminals to:
a. Positive (+): VIN
b. Negative (–): VSS
4. Connect Load to:
a. Positive (+): VOUT
b. Negative (–): VOGND
5. Turn Power Supply on after making connections.
6. The MP8007 is enabled on the evaluation board once VIN is applied.
7. MP8007 can supply VCC through internal high voltage LDO, D6 and R10 can be removed to save
BOM cost, while it may lead to about 0.2% efficiency decreasing.
8. To use adapter supply function, connect the adapter`s positive terminal to VIN and negative terminal
to ADPGND, then turn on the adapter, the board will prior use adapter to supply itself.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com