Electronic Components Datasheet Search
  English  ▼

X  

MP8007 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8007
Description  IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8007 Datasheet HTML 1Page - Monolithic Power Systems MP8007 Datasheet HTML 2Page - Monolithic Power Systems MP8007 Datasheet HTML 3Page - Monolithic Power Systems MP8007 Datasheet HTML 4Page - Monolithic Power Systems MP8007 Datasheet HTML 5Page - Monolithic Power Systems MP8007 Datasheet HTML 6Page - Monolithic Power Systems MP8007 Datasheet HTML 7Page - Monolithic Power Systems MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EV8007-V-00D—PRIMARY-SIDE REGULATE FLYBACK CONVERTER EVB
EV8007-V-00D Rev. 1.0
www.MonolithicPower.com
3
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TM
EV8007-V-00C BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
1
C1A
47μF
47μF 100V CD284 E-
Cap. 10X12.5mm
DIP
JiangHai
47μF/100V
2
C1B,C1
C
2.2μF
Ceramic Cap, 100V,
X7R
1210
MuRata
GRM32ER72A225KA35L
2
C2A,C2
B
47μF
Ceramic Cap.,10V,X7R
1210
MuRata
GRM32ER71A476KE15L
1
C2C
470μF
470μF 16V CD284 E-
Cap,8X12.5mm
DIP
JiangHai
470μF/16V
1
C3
1μF
Ceramic Cap,10V,X7R
0603
MuRata
GRM188R71A105KA61D
3
C4,C5A,
C5B
10nF
Ceramic Cap,100V,X7R
0805
MuRata
GRM216R72A103KA01D
1
C5C
0.1μF
Ceramic Cap. 100V,
X7R
1206
MuRata
GRM319R72A104KA01D
1
C6
1nF
Ceramic Cap,100V,X7R
0603
MuRata
GRM188R72A102KA01D
1
C7
1nF
Ceramic Cap. 2000V
X7R
1808
MuRata
GR442QR73D102KW01L
2
R1,R3
49.9k
Film Res,1%
0603
ROYAL
RC0603FR-0749K9L
1
R2
20k
Film Res,1%
0603
ROYAL
RC0603FR-0720KL
1
R4
10k
Film Res,1%
1206
ROYAL
RC1206FR-0710KL
1
R5
24.9k
Film Res,1%
0603
ROYAL
RC0603FR-0724K9L
1
R6
41.2
Film Res,1%
0603
ROYAL
RC0603FR-0741R2L
1
R7
3k
Film Res,1%
0603
ROYAL
RC0603FR-073KL
1
R8
7.5k
Film Res,5%
0603
ROYAL
RC0603JR-077K5L
1
R9
20
Film Res,1%
0805
ROYAL
RC0805FR-0720RL
1
R10
1k
Film Res,1%
0603
ROYAL
RC0603FR-071KL
0
R11
NC
1
D1
SBR8U60P5 8A 60V SUPER
BARRIER RECTIFIER
POWERDI
5
Diodes
SBR8U60P5
1
D2
BAV21
Switching Diode 200V
200mW
SOD-123
Diodes
BAV21W-7-F
1
D3
SMAJ58A
TVS
SMA
Little fuse
SMAJ58A
1
D4
BAT46W
100V, DIODE
SOD-123
Diodes
BAT46W-7-F
1
D5
SS1H10
100V, SCHOTTKY
DO-214AC
VISHAY
SS1H10-E3/61T
1
D6
1N4148
Switching Diode 75V
250mW
SOD-323
Diodes
1N4148WS-7
1
D7
BZT52C15 Zener Diode, 15V
SOD-123
Diodes
BZT52C15
0
D8
NC
0
T1
NC
1
T2
749020011A
LAN-Transformer WE-
LAN
SMD
Wurth
749020011A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com