Electronic Components Datasheet Search
  English  ▼

X  

RS3AB Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # RS3AB
Description  3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

RS3AB Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  RS3AB Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. RS3AB Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS3A/B - RS3M/B
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Features
AB, BB, DB, GB, JB, KB, MB Suffix Designates SMB Package
A, B, D, G, J, K, M Suffix Designates SMC Package
SMB
SMC
Dim
Min
Max
Min
Max
A
3.30
3.94
5.59
6.22
B
4.06
4.57
6.60
7.11
C
1.96
2.21
2.75
3.18
D
0.15
0.31
0.15
0.31
E
5.00
5.59
7.75
8.13
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.00
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Fast Recovery Time for High Efficiency
·
Low Forward Voltage Drop and High Current
Capability
·
Surge Overload Rating to 100A Peak
·
Ideally Suited for Automatic Assembly
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Marking: Type Number
·
SMB Weight: 0.09 grams (approx.)
·
SMC Weight: 0.20 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
RS3
A/AB
RS3
B/BB
RS3
D/DB
RS3
G/GB
RS3
J/JB
RS3
K/KB
RS3
M/MB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 75
°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
100
A
Forward Voltage
@ IF = 3.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 125
°C
IRM
5.0
250
mA
Maximum Recovery Time (Note 3)
trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
Cj
50
pF
Typical Thermal Resistance Junction to Terminal (Note 1)
RqJT
25
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance: junction to terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pad as heat sink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.


Similar Part No. - RS3AB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3AB DIODES-RS3AB Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Galaxy Semi-Conductor H...
RS3AB BILIN-RS3AB Datasheet
64Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Daya Electric Group Co....
RS3AB DAYA-RS3AB Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
RS3AB LUGUANG-RS3AB Datasheet
167Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS3AB TAYCHIPST-RS3AB Datasheet
2Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS3AB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR3A WTE-FR3A Datasheet
46Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A_1 Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
TAITRON Components Inco...
RS3A TAITRON-RS3A Datasheet
148Kb / 4P
3.0A Surface Mount Fast Recovery Rectifier
logo
Daya Electric Group Co....
RS3A DAYA-RS3A Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A_10 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 11 - 2
RS3G-13 DIODES-RS3G-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3MB-13 DIODES-RS3MB-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
SUNMATE electronic Co.,...
RS3A SUNMATE-RS3A Datasheet
165Kb / 2P
3.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com