Electronic Components Datasheet Search
  English  ▼

X  

ES3A Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # ES3A
Description  SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

ES3A Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  ES3A Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. ES3A Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●
Super fast switching time for high efficiency
●
Low forward voltage drop and
high current capability
●
Low reverse leakage current
●
Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
●
Case: Molded Plastic
●
Polarity:Color band denotes cathode
●
Weight: 0.003 ounces,0.093 grams
●
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
ES3A
ES3B
ES3D
ES3G
ES3J
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 3.0A DC
VF
1.25
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
0.95
45
70
100
ES3A thruES3J
A
SURFACE MOUNT SUPER FAST
GLASS PASSIVATED RECTIFERS
REVERSE VOLTAGE - 50 to 600 Volts
FORWARD CURRENT - 3.0 Amperes
125
IFSM
A
Dimensions in inches and (millimeters)
I(AV)
3.0
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient.
NOTES: 1.Measured with IF=0.5A, IR=1A, IRR=0.25A
-55 to +150
-55 to +150
μA
IR
5.0
20
35
SMB
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.200(5.08)
.220(5.59)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)
www.szyxwkj.com


Similar Part No. - ES3A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Fuji Electric
ES3A FUJI-ES3A Datasheet
723Kb / 1P
3 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES3A GE-ES3A Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Weitron Technology
ES3A WEITRON-ES3A Datasheet
302Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
More results

Similar Description - ES3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS3A ETC1-FS3A Datasheet
87Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFERS
logo
HY ELECTRONIC CORP.
ES2AA HY-ES2AA Datasheet
88Kb / 2P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB Datasheet
89Kb / 2P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A Datasheet
89Kb / 2P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
Surface Mount Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A_17 Datasheet
135Kb / 3P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES2AA HY-ES2AA_17 Datasheet
135Kb / 3P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A_17 Datasheet
156Kb / 3P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB_17 Datasheet
135Kb / 3P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES1AB HY-ES1AB Datasheet
397Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com