Electronic Components Datasheet Search
  English  ▼

X  

ES5D Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # ES5D
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

ES5D Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  ES5D Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. ES5D Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0121341678
9
1 



7333319 
 !"
!
#$%'(
)*+
,
-')-.)/%-)0
0
,
%*123%0
40
,
+
%0
*5)670
)+
70
8
9(
)::)6,
(
,
+
8;(
)**,
<
,
-)+
,
72=>?@
A
970*B0
<
)-%:7B2+
%3)''(
,
-)+
,
72*
CB'%0<
)*+*4,
+
-$,
2/<
70$,
/$%<
<
,
-,
%2-8
5740
%D%0
*%(
%).)/%
EB,
(
+
@
,
2*+
0
),
20
%(
,
%<
F
,
3%)(<
70)B+
7:)+
%3'(
)-%:%2+
G,
/$<
70
4)0
3*B0
/%-B0
0
%2+-)')6,
(
,
+
8
G,
/$+
%:'%0
)+
B0
%*7(
3%0
,
2//B)0
)2+
%%3H
IJA;K
LA*%-723*)++
%0
:,
2)(
*
MNOPQRNS
TNUVOWX
UOY[OPO
W\]
^_
L`
a%D%0
*%0
%-7D%0
8-723,
+
,
72b
9
cA`
JdF
b
a
cL`
AdF
b
0
0
cA`
IJd
I`
e%)*B0
%3)+LeGf)23)''(
,
%30
%D%0
*%D7(
+
)/%7<>`
A?g`
;`
TOhX
TQTROPX
WiSOW[NYNUPRX
UOYUVOROUPNRX
SPX
US
?j5#C
?j5#C
?j5#C
klmnopk
QWX
PS
d:'*
d:'*
?7(
+
*
?RRT
?RTS
?[U
b
q
Ors
b
MST
?M
J`
A
IAA`
A
L`
AA
j'%0
)+
,
2/t
B2-+
,
72)23*+
70
)/%+
%:'%0
)+
B0
%0
)2/%
e)u,
:B:0
%'%+
,
+
,
D%'%).0
%D%0
*%D7(
+
)/%
e)u,
:B:aeCD7(
+
)/%
e)u,
:B:g;6(
7-.,
2/D7(
+
)/%
e)u,
:B:)D%0
)/%<
70
4)0
30
%-+
,
<
,
%3-B0
0
%2+
)+#YcJJ;
v%).<
70
4)0
3*B0
/%-B0
0
%2+
w`
x:**,
2/(
%$)(
<*,
2%@
4)D%*B'%0
,
:'7*%372
0
)+
%3(
7)3y
z{g{;e%+
$73|
e)u,
:B:,
2*+
)2+
)2%7B*<
70
4)0
3D7(
+
)/%)+J`
Ad
e)u,
:B:g;0
%D%0
*%-B0
0
%2+ #OcIJ;
)+0
)+
%3g;6(
7-.,
2/D7(
+
)/%
#OcLAA;
b
R
J`
A
JA`
A
a}~O
;~
#~F#SPi
>A`
A
LwA`
A
@
J+
7€LJA
'9
;
d

#8',
-)(+
$%0
:)(0
%*,
*+
)2-%y
‚j#{x|
;K
ƒ
#8',
-)(t
B2-+
,
72-)')-,
+
)2-%y
‚j#{I|
e)u,
:B:0
%D%0
*%0
%-7D%0
8+
,
:% y
‚j#{L|
+
„„
xJ
2*
NS…O NS…† NS…U NS…[ NS…N NS…i NS…~
a)+
,
2/*)+IJ;):6,
%2++
%:'%0
)+
B0
%B2(
%**7+
$%0
4,
*%*'%-,
<
,
%3`
C,
2/(
%'$)*%$)(
<
@
4)D%AGfF
0
%*,
*+
,
D%70,
23B-+
,
D%(
7)3F
<
70-)')-,
+
,
D%(
7)3-B0
0
%2+3%0
)+
%68IA‡`
JA
xJ
JA
LAA
ˆA
LAA
LJA
LAJ
LJA
>AA
IwA
>AA
AA
>IA
AA
IAA
L>A
IAA
xAA
ILA
xAA
L`
x
L`
ˆ
‰Š
!‹Š
‹Š
‹Š
‹Œ!Ž‹
Š


Š
!
!"
‘

’’“
“
”‘

’“•
–
’‘

“—
˜
“‘

–’
˜
˜‘

“’˜

‘

“•

’‘

”˜
“
“‘

’“
“
‘

–

˜‘


’
“˜‘

–’—
”
’‘

––
”
’‘

’“

–‘



’“‘

”

“–‘
™š
U›œ^Hz{g{;gj@
IL>dE:7(
3%3'(
)*+
,
-6738
P^„ž
Ÿ› 
œHv(
)+
%3)u,
)((
%)3*F*7(
3%0
)6(
%'%0eb
5@
C#g@
ˆJAF
e%+
$73IAI
¡\ 
›„ž
]
¢H;7(
706)233%27+
%*-)+
$73%%23
T\£Ÿ]
ž
Ÿ¤¡\œž
]
ž
\ŸHd28
¥^ž
¤¦]
H
A`
AAw7B2-%FA`
ILˆ/0
):*
x`
v`
;`
E`:7B2+
%34,
+
$A`
uA`
§y
LuL::|-7''%0')3)0
%)*
LJA`
A
¨
[©ª
«¬­O†
STU
SQRMOUNT©QWPSQ¡NRMOSPRNUPX
MX
NR
NS…OPVRQNS…~
·¸¹º¼


Similar Part No. - ES5D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES5D FORMOSA-ES5D Datasheet
119Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5D JUXING-ES5D Datasheet
3Mb / 2P
Surface Mount Superfast Rectifiers
logo
Microdiode Semiconducto...
ES5D CHENDA-ES5D Datasheet
561Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES5D

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com