Electronic Components Datasheet Search
  English  ▼

X  

LTC3890 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3890
Description  Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3890 Datasheet HTML 16Page - Linear Technology LTC3890 Datasheet HTML 17Page - Linear Technology LTC3890 Datasheet HTML 18Page - Linear Technology LTC3890 Datasheet HTML 19Page - Linear Technology LTC3890 Datasheet HTML 20Page - Linear Technology LTC3890 Datasheet HTML 21Page - Linear Technology LTC3890 Datasheet HTML 22Page - Linear Technology LTC3890 Datasheet HTML 23Page - Linear Technology LTC3890 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT3840
20
3840fa
For more information www.linear.com/LT3840
Typical applicaTions
Low Voltage, High Current Output, 4V to 60V Input to 3.3V, 20A
Low Part Count Application, 6V to 60V Input to 5V, 10A Output
ICOMP
ICTRL
IMON
AUXSW2
AUXSW1
AUXBST
LT3840
3840 TA03
INTVCC
BOOST
TG
SW
BG
SENSE+
SENSE–
FB
GND
VIN
VIN
6V TO 60V
EN
470pF
AUXVIN
UVLO
OVLO
PG
1µF
4.7µF
1N4448
1µF
M1
M2
L1, 5.6µH
RSENSE
5m
M1: INFINEON, BSC160N10NS3
M2: INFINEON, BSC070N1ONS3
L1: VISHAY, IHLP5050
L2: COILCRAFT, ME3220-333KL
CIN: SUNCON 100CE68FS
COUT: SANYO, 16SVPC270M
L2, 33µH
CIN
68µF
×2
100k
301k
20k
SYNC
MODE
RT
VC
TK/SS
49.9k
2200pF
COUT
270µF
VOUT
5V
10A
ICOMP
ICTRL
IMON
AUXSW2
AUXSW1
AUXBST
LT3840
3840 TA04
INTVCC
BOOST
TG
SW
BG
SENSE+
SENSE–
GND
FB
VIN
VIN
4V TO 60V
EN
TK/SS
0.01µF
100pF
AUXVIN
UVLO
OVLO
PG
INTVCC
174k
887k
1µF
4.7µF
1N4448
1µF
M1
×2
M2
×2
D1
L1, 1.7µH
M1: INFINEON, BSC160N10NS3
M2: INFINEON, BSC070N1ONS3
L1: WÜRTH, 7443556130
L2: COILCRAFT, ME3220-333KL
CIN: SUNCON 100CE68FS
COUT1: SANYO, 16SVPF560M
COUT2: TAIYO YUDEN, EMK325BJ226MM-T
D1: DIODES INC. PDS5100H
L2, 33µH
CIN
68µF
×2
60.4k
20k
10k
16.9k
20k
7.68k
470pF
SYNC
MODE
RT
VC
RSENSE
2.5m
49.9k
2200µF
2200pF
COUT2
22µF
×4
VOUT
3.3V
20A
COUT1
560µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com