Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8705
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 4 Page - Linear Technology

  LT8705 Datasheet HTML 1Page - Linear Technology LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LT8390A
4
8390afa
For more information www.linear.com/LT8390A
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier
Full Scale Current Regulation V(ISP-ISN)
VCTRL = 2V, VISP = 12V
VCTRL = 2V, VISP = 0V
l
l
97
97
100
100
103
103
mV
mV
1/10th Current Regulation V(ISP-ISN)
VCTRL = 0.35V, VISP = 12V
VCTRL = 0.35V, VISP = 0V
l
l
8
8
10
10
12
12
mV
mV
ISMON Monitor Output VISMON
V(ISP-ISN) = 100mV, VISP = 12V/0V
V(ISP-ISN) = 10mV, VISP = 12V/0V
V(ISP-ISN) = 0mV, VISP = 12V/0V
l
l
l
1.20
0.30
0.20
1.25
0.35
0.25
1.30
0.40
0.30
V
V
V
ISP/ISN Input Common Mode Range
l
0
60
V
ISP/ISN Low Side to High Side Switchover Voltage
VISP = VISN
1.8
V
ISP/ISN High Side to Low Side Switchover Voltage
VISP = VISN
1.7
V
ISP Input Bias Current
VLOADEN = 5V, VISP = VISN = 12V
VLOADEN = 5V, VISP = VISN = 0V
VEN/UVLO = 0V, VISP = VISN = 12V or 0V
23
–10
0
µA
µA
µA
ISN Input Bias Current
VLOADEN = 5V, VISP = VISN = 12V
VLOADEN = 5V, VISP = VISN = 0V
VEN/UVLO = 0V, VISP = VISN = 12V or 0V
23
–10
0
µA
µA
µA
ISP/ISN Current Regulation Amplifier gm
2000
µs
FB Regulation Voltage
VC = 1.2V
l
0.985
1.00
1.015
V
FB Line Regulation
VIN = 4V to 60V
0.2
0.5
%
FB Load Regulation
0.2
0.8
%
FB Voltage Regulation Amplifier gm
660
µS
FB Input Bias Current
FB in Regulation, Current Out of Pin
10
40
nA
VC Output Impedance
10
MΩ
VC Standby Leakage Current
VC = 1.2V, VLOADEN = 0V
–10
0
10
nA
Current Comparator
Maximum Current Sense Threshold V(LSP-LSN)
Buck, VFB = 0.8V
Boost, VFB = 0.8V
l
l
35
40
50
50
65
60
mV
mV
LSP Pin Bias Current
VLSP = VLSN = 12V
60
µA
LSN Pin Bias Current
VLSP = VLSN = 12V
60
µA
Fault
FB Overvoltage Threshold (VFB)
Rising
l
1.08
1.1
1.12
V
FB Overvoltage Hysteresis
l
35
50
65
mV
FB Short Threshold (VFB)
Falling
l
0.24
0.25
0.26
V
FB Short Hysteresis
Hysteresis
l
35
50
65
mV
ISP/ISN Over Current Threshold V(ISP-ISN)
VISP = 12V
750
mV
PGOOD Upper Threshold Offset from VFB
Rising
l
8
10
12
%
PGOOD Lower Threshold Offset from VFB
Falling
l
–12
–10
–8
%
PGOOD Pull-Down Resistance
100
200
Ω
SS Hard Pull-Down Resistance
VEN/UVLO = 1.1V
100
200
Ω
SS Pull-Up Current
VFB = 0.4V, VSS = 0V
10
12.5
15
µA
SS Pull-Down Current
VFB = 0.1V, VSS = 2V
1
1.25
1.5
µA
SS Fault Latch-Off Threshold
1.7
V
SS Fault Reset Threshold
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com