Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3757
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LT8390
20
8390fa
For more information www.linear.com/LT8390
APPLICATIONS INFORMATION
The maximum current sense RSENSE in boost region is:
RSENSE(BOOST) =
2 • 50mV • VIN(MIN)
2 •IOUT(MAX) • VOUT + ∆IL(BOOST) • VIN(MIN)
The maximum current sense RSENSE in buck region is
RSENSE(BUCK) =
2 • 50mV
2 •IOUT(MAX) + ∆IL(BUCK)
The final RSENSE value should be lower than the calculated
RSENSE in both buck and boost regions. A 20% to 30%
margin is usually recommended. Always choose a low
ESL current sense resistor.
Power MOSFET Selection
The LT8390 requires four external N-channel power MOS-
FETs, two for the top switches (switches A and D shown
in Figure 1) and two for the bottom switches (switches B
and C shown in Figure 1). Important parameters for the
power MOSFETs are the breakdown voltage VBR(DSS),
threshold voltage VGS(TH), on-resistance RDS(ON), reverse
transfercapacitanceCRSSandmaximumcurrentIDS(MAX).
The drive voltage is set by the 5V INTVCC supply. Conse-
quently, logic-level threshold MOSFETs must be used in
LT8390 applications.
In order to select the power MOSFETs, the power dis-
sipated by the device must be known. For switch A, the
maximumpowerdissipationhappensinboostregion,when
it remains on all the time. Its maximum power dissipation
at maximum output current is given by:
PA(BOOST) =
IOUT(MAX) • VOUT
VIN
2
•
ρT •RDS(ON)
where
ρT is a normalization factor (unity at 25°C) ac-
counting for the significant variation in on-resistance with
temperature, typically 0.4%/°C as shown in Figure 11. For
a maximum junction temperature of 125°C, using a value
of
ρT = 1.5 is reasonable.
Figure 11. Normalized RDS(ON) vs Temperature
Switch B operates in buck region as the synchronous
rectifier. Its power dissipation at maximum output cur-
rent is given by:
PB(BUCK) =
VIN − VOUT
VIN
•IOUT(MAX)
2 •ρT •RDS(ON)
Switch C operates in boost region as the control switch.
Its power dissipation at maximum current is given by:
PC(BOOST) =
VOUT − VIN
(
) • VOUT
VIN
2
•IOUT(MAX)
2 •ρT
•RDS(ON) + k • VOUT
3 •
IOUT(MAX)
VIN
• CRSS • f
where CRSS is usually specified by the MOSFET manufac-
turers. The constant k, which accounts for the loss caused
by reverse recovery current, is inversely proportional to
the gate drive current and has an empirical value of 1.7.
For switch D, the maximum power dissipation happens in
boost region, when its duty cycle is higher than 50%. Its
maximum power dissipation at maximum output current
is given by:
PD(BOOST) =
VOUT
VIN
•IOUT(MAX)
2 •ρT •RDS(ON)
For the same output voltage and current, switch A has the
highest power dissipation and switch B has the lowest
power dissipation unless a short occurs at the output.
JUNCTION TEMPERATURE (°C)
–50
1.0
1.5
150
8390 F11
0.5
0
0
50
100
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com