Electronic Components Datasheet Search
  English  ▼

X  

LT3763 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3763
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3763 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3763 Datasheet HTML 12Page - Linear Technology LT3763 Datasheet HTML 13Page - Linear Technology LT3763 Datasheet HTML 14Page - Linear Technology LT3763 Datasheet HTML 15Page - Linear Technology LT3763 Datasheet HTML 16Page - Linear Technology LT3763 Datasheet HTML 17Page - Linear Technology LT3763 Datasheet HTML 18Page - Linear Technology LT3763 Datasheet HTML 19Page - Linear Technology LT3763 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LT8390A
16
8390afa
For more information www.linear.com/LT8390A
OPERATION
Start-Up and Fault Protection
Figure 8 shows the start-up and fault sequence for the
LT8390A. During the POR state, the SS pin is hard pulled
down with a 100Ω to ground. In a pre-biased condition,
the SS pin has to be pulled below 0.2V to enter the INIT
state, where the LT8390A wait 10µs so that the SS pin can
be fully discharged to ground. After the 10µs, the LT8390A
enters the UP/PRE state when the LOADON signal goes
high. The LOADON high signal happens when CTRL pin is
above its rising latch-off thresholds (0.325V typical) and
the LOADEN is high.
During the UP/PRE state, the SS pin is charged up by a
12.5µA pull-up current while the switching is disabled
and the LOADTG is turned off. Once the SS pin is charged
Figure 8. Start-Up and Fault Sequence
above 0.25V, the LT8390A enters the UP/TRY state, where
the LOADTG is turned on first while the switching is still
disabled. If an excessive current flowing through the
current sense resistor triggers the ISP/ISN over current
(ISOC) signal, it will reset the LT8390A back into the POR
state. After 10µs in the UP/TRY state without triggering
the ISOC signal, the LT8390A enters the UP/RUN state.
During the UP/RUN state, the switching is enabled and
the start-up of the output voltage VOUT is controlled by
the voltage on the SS pin. When the SS pin voltage is less
than 1V, the LT8390A regulates the FB pin voltage to the
SS pin voltage instead of the 1V reference. This allows the
SS pin to be used to program soft-start by connecting an
external capacitor from the SS pin to GND. The internal
12.5µA pull-up current charges up the capacitor, creating
a voltage ramp on the SS pin. As the SS pin voltage rises
linearly from 0.25V to 1V (and beyond), the output voltage
VOUT rises smoothly to its final regulation voltage.
Once the SS pin is charged above 1.75V, the LT8390A
enters the OK/RUN state, where the output short detec-
tion is activated. The output short means VFB < 0.25V.
When the output short happens, the LT8390A enters
the FAULT/RUN state, where a 1.25µA pull-down current
slowly discharges the SS pin with the other conditions the
same as the OK/RUN state. Once the SS pin is discharged
below 1.7V, the LT8390A enters the DOWN/STOP state,
where the switching is disabled and the short detection is
deactivated with the previous fault latched. Once the SS
pin is discharged below 0.2V and the LOADON signal is
still high, the LT8390A goes back to the UP/RUN state.
In an output short condition, the LT8390A can be set to
hiccup, latch-off, or keep-running fault protection mode
with a resistor between the SS and VREF pins. Without
any resistor, the LT8390A will hiccup between 0.2V and
1.75V and go around the UP/RUN, OK/RUN, FAULT/RUN,
and DOWN/STOP states until the fault condition is cleared.
With a 499kΩ resistor, the LT8390A will latch off until the
EN/UVLO is toggled. With a 100kΩ resistor, the LT8390A
will keep running regardless of the fault.
POR
• SS hard pull down
• Switching disabled
• LOADTG turned off
• No short detection
INIT
• SS hard pull down
• Switching disabled
• LOADTG turned off
• No short detection
POR = HI or
ISOC = HI
SS < 0.2V
UP/TRY
• SS 12.5µA pull up
• Switching disabled
• LOADTG turned on
• No short detection
UP/PRE
• SS 12.5µA pull up
• Switching disabled
• LOADTG turned off
• No short detection
Wait 10µs and
LOADON = HI
SS > 0.25V
UP/RUN
• SS 12.5µA pull up
• Switching enabled
• LOADTG turned on
• No short detection
OK/RUN
• SS 12.5µA pull up
• Switching enabled
• LOADTG turned on
• Short detection
Wait 10µs
SS > 1.75V
DOWN/STOP
• SS 1.25µA pull down
• Switching disabled
• LOADTG turned on
• No short detection
FAULT/RUN
• SS 1.25µA pull down
• Switching enabled
• LOADTG turned on
• Short detection
SS < 0.2V and
LOADON = HI
SHORT
SS < 1.7V
8390a F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com