Electronic Components Datasheet Search
  English  ▼

X  

LT8710 Datasheet(PDF) 44 Page - Linear Technology

Part # LT8710
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8710 Datasheet(HTML) 44 Page - Linear Technology

Back Button LT8710 Datasheet HTML 36Page - Linear Technology LT8710 Datasheet HTML 37Page - Linear Technology LT8710 Datasheet HTML 38Page - Linear Technology LT8710 Datasheet HTML 39Page - Linear Technology LT8710 Datasheet HTML 40Page - Linear Technology LT8710 Datasheet HTML 41Page - Linear Technology LT8710 Datasheet HTML 42Page - Linear Technology LT8710 Datasheet HTML 43Page - Linear Technology LT8710 Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
LT8710
44
8710f
For more information www.linear.com/LT8710
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/8710
LINEAR TECHNOLOGY CORPORATION 2014
LT 0114 • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT3757A
Boost, Flyback, SEPIC and Inverting Controller
2.9V ≤ VIN ≤ 40V, 100kHz to 1MHz Programmable Operating Frequency,
3mm × 3mm DFN-10 and MSOP-10E Packages
LT3758A
Boost, Flyback, SEPIC and Inverting Controller
5.5V ≤ VIN ≤ 100V, 100kHz to 1MHz Programmable Operating Frequency,
3mm × 3mm DFN-10 and MSOP-10E Packages
LT3759
Boost, SEPIC and Inverting Controller
1.6V ≤ VIN ≤ 42V, 100kHz to 1MHz Programmable Operating Frequency,
MSOP-12E Package
LT3957A
Boost, Flyback, SEPIC and Inverting Converter
with 5A, 40V Switch
3V ≤ VIN ≤ 40V, 100kHz to 1MHz Programmable Operating Frequency,
5mm × 6mm QFN Package
LT3958
Boost, Flyback, SEPIC and Inverting Converter
with 3.3A, 84V Switch
5V ≤ VIN ≤ 80V, 100kHz to 1MHz Programmable Operating Frequency,
5mm × 6mm QFN Package
LT3959
Boost, SEPIC and Inverting Converter with 6A,
40V Switch
1.6V ≤ VIN ≤ 40V, 100kHz to 1MHz Programmable Operating Frequency,
5mm × 6mm QFN Package
LTC3786
Low IQ Synchronous Step-Up Controller
4.5V (Down to 2.5V After Start-Up) ≤ VIN ≤ 38V, VOUT Up to 60V, 55µA
Quiescent Current, 3mm × 3mm QFN-16, MSOP-16E
200kHz, Wide Input Range SEPIC Converter Generates a 5V Output with Up to 5A Output Current
Efficiency and Power Loss
L1, L2: WÜRTH 2.9µH WE-CFWI 74485540290
MN: FAIRCHILD FDMS86500L
MP: VISHAY SUD50P06-15
RSENSE1: 1.5m 2010
RSENSE2: 6m 2512
CIN1: 10µF, 50V, 1210, X7S
COUT1: 100µF, 6.3V, 1812, X5R
COUT2: OSCON 330µF, 16V, 16SEQP330M
C1: 10µF, 50V, 1210, X7S
IMON
SS
GND
CSP
TG
CSN
BG
LT8710
8710 TA07a
MODE
INTVCC
RT
SYNC
VIN
EN/FBIN
BIAS
INTVEE
FBX
FLAG
VC
ISP
ISN
VOUT
5V
5A
VIN
3V TO 40V (OPERATING)
4.5V TO 40V (START-UP)
4.02k
L1
2.9µH
CIN1
10µF
×6
CIN2
220µF
2.2µF
10k
178k
1.5m
MN
MP
RSENSE1
45.3k
8.87k
2.2µF
47nF
220nF
6.8nF
100pF
+
RSENSE2
6m
COUT1
100µF
×4
COUT2
330µF
+
C1
10µF ×2
L2
2.9µH
•
LOAD CURRENT (A)
0
100
80
90
70
60
50
40
30
20
6.00
4.50
5.25
3.75
3.00
2.25
1.50
0.75
0
3
4
5
8710 TA07b
1
2
VIN = 5V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com