Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3758
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3758 Datasheet HTML 5Page - Linear Technology LT3758 Datasheet HTML 6Page - Linear Technology LT3758 Datasheet HTML 7Page - Linear Technology LT3758 Datasheet HTML 8Page - Linear Technology LT3758 Datasheet HTML 9Page - Linear Technology LT3758 Datasheet HTML 10Page - Linear Technology LT3758 Datasheet HTML 11Page - Linear Technology LT3758 Datasheet HTML 12Page - Linear Technology LT3758 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT8390A
9
8390afa
For more information www.linear.com/LT8390A
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
ISMON Voltage vs V(ISP-ISN)
SS Current vs Temperature
Oscillator Frequency
vs Temperature
V(ISP-ISN) (mV)
0
20
40
60
80
100
0
0.25
0.50
0.75
1.00
1.25
1.50
8390a G28
TEMPERATURE (°C)
–50 –25
0.0
10.0
12.5
7.5
5.0
2.5
15.0
125
100
150
0
25
8390a G29
75
50
PULL-UP
PULL-DOWN
RT = 59.0k
RT = 100k
RT = 226k
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
8390a G30
PIN FUNCTIONS
BG1: Buck Side Bottom Gate Drive. Drives the gate of buck
side bottom N-channel MOSFET with a voltage swing from
ground to INTVCC.
BST1: Buck Side Bootstrap Floating Driver Supply. The
BST1 pin has an integrated bootstrap Schottky diode from
theINTVCCpinandrequiresanexternalbootstrapcapacitor
to the SW1 pin. The BST1 pin swings from a diode voltage
drop below INTVCC to (VIN + INTVCC).
SW1: Buck Side Switch Node. The SW1 pin swings from
a Schottky diode voltage drop below ground up to VIN.
TG1: Buck Side Top Gate Drive. Drives the gate of buck
side top N-channel MOSFET with a voltage swing from
SW1 to BST1.
LSP: Positive Terminal of the Buck Side Inductor Current
Sense Resistor (RSENSE). Ensure accurate current sense
with Kelvin connection.
LSN: Negative Terminal of the Buck Side Inductor Current
Sense Resistor (RSENSE). Ensure accurate current sense
with Kelvin connection.
VIN: Input Supply. The VIN pin must be tied to the power
inputtodeterminethebuck,buck-boost,orboostoperation
regions. Locally bypass this pin to ground with a minimum
1µF ceramic capacitor.
INTVCC: Internal 5V Linear Regulator Output. The INTVCC
linearregulatorissuppliedfromtheVINpin,andpowersthe
internal control circuitry and gate drivers. Locally bypass
thispintogroundwithaminimum 4.7µFceramiccapacitor.
EN/UVLO: Enable and Undervoltage Lockout. Force the
pin below 0.3V to shut down the part and reduce VIN qui-
escent current below 2µA. Force the pin above 1.233V for
normal operation. The accurate 1.220V falling threshold
can be used to program an undervoltage lockout (UVLO)
threshold with a resistor divider from VIN to ground. An
accurate2.5µApull-downcurrentallowstheprogramming
of VIN UVLO hysteresis. If neither function is used, tie this
pin directly to VIN.
TEST: Factory Test. This pin is used for testing purpose
only and must be directly connected to ground for the
part to operate properly.
LOADEN: Load Switch Enable Input. The LOADEN pin is
used to control the ON/OFF of the high side PMOS load
switch. If the load switch control is not used, tie this pin
to VREF or INTVCC. Forcing the pin low turns off TG1 and
TG2, turns on BG1 and BG2, disconnects the VC pin from
all internal loads, and turns off LOADTG.
VREF: Voltage Reference Output. The VREF pin provides
an accurate 2V reference capable of supplying 1mA
current. Locally bypass this pin to ground with a 0.47µF
ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com