Electronic Components Datasheet Search
  English  ▼

X  

LTC1871X Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1871X
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871X Datasheet(HTML) 1 Page - Linear Technology

  LTC1871X Datasheet HTML 1Page - Linear Technology LTC1871X Datasheet HTML 2Page - Linear Technology LTC1871X Datasheet HTML 3Page - Linear Technology LTC1871X Datasheet HTML 4Page - Linear Technology LTC1871X Datasheet HTML 5Page - Linear Technology LTC1871X Datasheet HTML 6Page - Linear Technology LTC1871X Datasheet HTML 7Page - Linear Technology LTC1871X Datasheet HTML 8Page - Linear Technology LTC1871X Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC1871X
1
1871xf
For more information www.linear.com/LTC1871X
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Wide Input Range,
No RSENSE™ Current Mode Boost,
Flyback and SEPIC Controller
LTC®1871X is a wide input range, current mode, boost,
flybackorSEPICcontrollerthatdrivesanN-channelpower
MOSFET. LTC1871X is rated to 175°C junction tempera-
ture and is 100% tested at 175°C. Intended for low to
medium power applications, it eliminates the need for a
current sense resistor by utilizing the power MOSFET’s
on-resistance, thereby maximizing efficiency.
The IC’s operating frequency can be set with an external
resistor over a 65kHz to 900kHz range, and can be syn-
chronized to an external clock using the MODE/SYNC
pin. Burst Mode operation at light loads, a low minimum
operating supply voltage of 2.5V and a low shutdown
quiescent current of 10μA make the LTC1871X ideally
suited for battery-operated systems.
For applications requiring constant frequency operation,
Burst Mode operation can be defeated using the MODE/
SYNC pin. Higher output voltage boost, SEPIC and flyback
applications are possible with the LTC1871X by connect-
ing the SENSE pin to a resistor in the source of the power
MOSFET. The LTC1871X is available in the 10-lead MSOP
package.
Figure 1. High Efficiency 5V Input, 12V Output Boost Converter (Bootstrapped)
APPLICATIONS
n
High Efficiency (No Sense Resistor Required)
n
Wide Input Voltage Range: 2.5V to 36V
n
Current Mode Control Provides Excellent Transient
Response
n
High Maximum Duty Cycle (92% Typ)
n
±2% RUN Pin Threshold with 100mV Hysteresis
n
±2% Internal Voltage Reference
n
Micropower Shutdown: IQ = 10μA
n
Programmable Operating Frequency (65kHz to
900kHz) with One External Resistor
n
Synchronizable to an External Clock Up to 1.3 × fOSC
n
User-Controlled Pulse Skip or Burst Mode® Operation
n
Internal 5.2V Low Dropout Voltage Regulator
n
Output Overvoltage Protection
n
Capable of Operating with a Sense Resistor for High
Output Voltage Applications
n
Small 10-Lead MSOP Package
n
Telecom Power Supplies
n
Portable Electronic Equipment
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and No RSENSE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
1871x F01
SENSE
LTC1871X VIN
FB
GATE
GND
RUN
ITH
INTVCC
FREQ
80.6k
4.7µF
10nF
10µH
VIN
5V
VOUT
12V
2A
GND
MODE/SYNC
33.2k
100µF
6.3V
47µF
25V
×8
110k
12.4k
FB Voltage vs Temperature
TEMPERATURE (°C)
–50 –25 0 25 50 75 100 125 150 175 200
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1871x F01b


Similar Part No. - LTC1871X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC1871X AD-LTC1871X Datasheet
1Mb / 18P
±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
Rev. 0
More results

Similar Description - LTC1871X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
455Kb / 32P
High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Current Mode Boost Flyback and SEPIC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost,
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com