Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8610
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8610 Datasheet HTML 7Page - Linear Technology LT8610 Datasheet HTML 8Page - Linear Technology LT8610 Datasheet HTML 9Page - Linear Technology LT8610 Datasheet HTML 10Page - Linear Technology LT8610 Datasheet HTML 11Page - Linear Technology LT8610 Datasheet HTML 12Page - Linear Technology LT8610 Datasheet HTML 13Page - Linear Technology LT8610 Datasheet HTML 14Page - Linear Technology LT8610 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LT8603
11
8603f
For more information www.linear.com/LT8603
Radiated EMI Performance, CISPR 25 Radiated Emission Tests with Class 5 Peak Limits
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
40
45
50
55
60
35
30
25
20
15
10
–15
0
–5
–10
5
FREQUENCY (MHz)
30
930
130
230
330
530
430
630
730
830
1030
8603 EMI 01a
VERTICAL POLARIZATION
PEAK DETECTOR
CISPR 25 CLASS 5 PEAK LIMIT
DATA
DC2114A DEMO BOARD
(WITH EMI FILTER INSTALLED)
VBATT = 14V, VOUT1 = 5V, VOUT2 = 3.3V, VOUT3 = 1.8V, IOUT1,2,3 = 1A
fSW = 2MHz, FSELA = INTVCC , FSELB = Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com