Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 22 Page - Linear Technology

Part # LT8611
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8611 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT8611 Datasheet HTML 18Page - Linear Technology LT8611 Datasheet HTML 19Page - Linear Technology LT8611 Datasheet HTML 20Page - Linear Technology LT8611 Datasheet HTML 21Page - Linear Technology LT8611 Datasheet HTML 22Page - Linear Technology LT8611 Datasheet HTML 23Page - Linear Technology LT8611 Datasheet HTML 24Page - Linear Technology LT8611 Datasheet HTML 25Page - Linear Technology LT8611 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LT8619/LT8619-5
22
8619f
For more information www.linear.com/LT8619
Figure 13. Case Temperature Rise vs Load Current
Figure 14. Case Temperature Rise vs Ambient Temperature
For higher ambient temperatures, care should be taken in
the layout of the PCB to ensure good heat sinking of the
LT8619. The exposed pad on the bottom of the package
must be soldered to a ground plane. This ground should
be tied to large copper layers below with thermal vias;
these layers will spread heat dissipated by the LT8619.
Placing additional vias can reduce thermal resistance fur-
ther. Figure 13 shows the rise in case temperature vs load
current. Note that a higher ambient temperature will result
in bigger case temperature rise as shown in Figure 14.
Power dissipation within the LT8619 can be estimated
by calculating the total power loss from an efficiency
measurement and subtracting the inductor loss. The
die temperature is calculated by multiplying the LT8619
power dissipation by the thermal resistance from junction
to ambient.
Figure 15 shows the typical derating maximum output
current curve. As with any monolithic switching regu-
lator, the PCB layout, thermal resistance, air flow, other
heat sources in the vicinity affect how efficiently heat can
be removed from the die and radically change the die
junction temperature. The actual LT8619 switcher output
voltage and current sourcing capability might deviate from
the performance curve stated in this data sheet. When
pushing the LT8619 to its limit, verify its operation in the
actual environment. AT HIGH AMBIENT TEMPERATURE,
CONTINUOUS OPERATION ABOVE THE MAXIMUM
OPERATION JUNCTION TEMPERATURE MAY IMPAIR
DEVICE RELIABILITY OR PERMANENTLY DAMAGE THE
DEVICE.
Figure 15. LT8619 Derating Maximum Output
Current with Junction Temperature Less Than 125°C
APPLICATIONS INFORMATION
VIN = 12V
VOUT = 5V
fSW = 700kHz
TA = 25°C
FORCED CONTINUOUS MODE
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
8619 F13
VIN = 12V
VOUT = 5V, 1.2A LOAD
fSW = 700kHz
CONTINUOUS OPERATION ABOVE
MAXIMUM JUNCTION TEMPERATURE
MAY PERMANENTLY DAMAGE THE DEVICE
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
5
10
15
20
25
30
35
8619 F14
VIN = 12V
VOUT = 3.3V
TJ(MAX) ≤ 125°C
FORCED CONTINUOUS MODE
AMBIENT TEMPERATURE (°C)
90
95
100 105 110 115 120 125
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
8619 F15
fSW = 700kHz
fSW = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com