Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 38 Page - Linear Technology

Part # LT8610AC
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 38 Page - Linear Technology

Back Button LT8610AC Datasheet HTML 30Page - Linear Technology LT8610AC Datasheet HTML 31Page - Linear Technology LT8610AC Datasheet HTML 32Page - Linear Technology LT8610AC Datasheet HTML 33Page - Linear Technology LT8610AC Datasheet HTML 34Page - Linear Technology LT8610AC Datasheet HTML 35Page - Linear Technology LT8610AC Datasheet HTML 36Page - Linear Technology LT8610AC Datasheet HTML 37Page - Linear Technology LT8610AC Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LT8603
38
8603f
For more information www.linear.com/LT8603
www.linear.com/LT8603
ANALOG DEVICES, INC. 2017
LT 1117 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT8602
42V, Quad Output (2.5A+1.5A+1.5A+1.5A) 95% Efficiency, 2.2MHz
Synchronous Micropower Step-Down DC/DC Converter with IQ = 25µA
VIN = 3V to 42V, VOUT(MIN)= 0.8V, IQ = 25µA, ISD < 1µA,
6mm × 6mm QFN-40 Package
LT8601
42V, 94% Efficiency, 2.2MHz Triple Output (1.5A+2.5A+1.8A)
Synchronous Micropower Step-Down DC/DC Converter with IQ = 30μA
VIN = 3V to 42V, VOUT(MIN)= 0.8V, IQ = 30µA, ISD < 1µA,
6mm × 6mm QFN-40 Package
LT8640
42V, 5A/7A Peak, 96% Efficiency, 3MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
3mm × 4mm QFN-18 Package
LT8614
42V, 4A, 96% Efficiency, 2.2MHz Synchronous Micropower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
3mm × 4mm QFN-18 Package
LT8616
42V, Dual 2.5A + 1.5A, 95% Efficiency, 2.2MHz Synchronous
Micropower Step-Down DC/DC Converter with IQ = 5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.8V, IQ = 5µA, ISD < 1µA,
TSSOP-28E, 3mm × 6mm QFN-28 Packages
LT8612
42V, 6A, 96% Efficiency, 2.2MHz Synchronous Micropower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 3.0µA, ISD < 1µA,
3mm × 6mm QFN-28 Package
LT8609/LT8609A 42V, 2A/3A Peak, 93% Efficiency, 2.2MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.2V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
MSOP-10E Package
LT8610
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous Micropower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8611
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous Micropower Step-Down
DC/DC Converter with IQ = 2.5µA and Input/Output Current Limit/Monitor
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
3mm × 5mm QFN-24 Package
LT8610A/8610AB 42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous Micropower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8610AC
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous Micropower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com