Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 15 Page - Linear Technology

Part # LT8613
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT8613 Datasheet HTML 11Page - Linear Technology LT8613 Datasheet HTML 12Page - Linear Technology LT8613 Datasheet HTML 13Page - Linear Technology LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LT8619/LT8619-5
15
8619f
For more information www.linear.com/LT8619
APPLICATIONS INFORMATION
is the minimum top switch on-time at the loading condi-
tion as shown in Figure 5. Figure 6 shows the relation-
ship between the maximum input voltage vs the switching
frequency. If a smaller RT is selected, to ensure that the
regulator is switching at the higher frequency as illus-
trated in Figure 4, the maximum input supply voltage has
to be lowered; and it needs to be further reduced if the
load is decreased or removed.
For forced continuous mode, if there is a momentarily VIN
voltage surge higher than the voltage shown in Figure 6,
resulting in minimum on-time operation, an overvoltage
comparator guards against transient overshoots as well
as other more serious conditions that may overvoltage the
output. When the VFB voltage rises by more than 3.75%
above its nominal value, the top MOSFET is turned off
and the bottom MOSFET is turned on. At this moment,
the output voltage continues to increase until the inductor
current reverses. The actual peak output voltage will be
higher than 3.75%, depending on external components
value, loading condition and output voltage setting. The
bottom MOSFET remains on continuously until the induc-
tor current exceeds the bottom MOSFET reverse current
or overvoltage condition is cleared. With high reverse cur-
rent, both top and bottom MOSFETs shut off till the next
clock cycle.
Low Supply Operation
The LT8619 is designed to remain operational during
short line transients when the input voltage may briefly
dip below 3.0V. Below this voltage, the INTVCC voltage
might drop to a point that is not able to provide adequate
gate drive voltage to turn on the MOSFET. The LT8619 has
two circuits to detect this undervoltage condition. A UVLO
comparator monitors the INTVCC voltage to ensure that it
is above 2.8V during startup; once in regulation, the chip
continues to operate as long as INTVCC stays above 2.65V.
If this UVLO comparator trips, the chip is shut down until
INTVCC recovers. Another comparator monitors the VIN
supply voltage, add a resistor divider from VIN to EN/UV
to turn off the regulator if VIN dips below the undesirable
voltage.
The LT8619 is capable of a maximum duty cycle of greater
than 99%, and the VIN-to-VOUT dropout is limited by the
RDS(ON) of the top switch. In deep dropout, the loop
attempt to turn on the top switch continuously. However,
the top switch gate drive is biased from the floating boot-
strap capacitor CB, which normally recharges during each
off cycle; in dropout, this capacitor loses its refresh cycle
and charge depleted. A comparator detects the drop in
boot-strap capacitor voltage, forces the top switch off and
recharges the capacitor.
Figure 5. Minimum On-Time vs Load Current
Figure 6. Forced Continuous Mode Maximum Input
Voltage vs Switching Frequency
VOUT = 3.3V
fSW = 2MHz
L = 3.3µH
FORCED CONTINUOUS MODE
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
80
8619 F05
VOUT = 3.3V
L = 10µH
FORCED CONTINUOUS MODE
0.2A LOAD
fSW (MHz)
0.2
0.6
1.0
1.4
1.8
2.2
0
10
20
30
40
50
60
8619 F06
0.5A
LOAD
NO LOAD
High Supply Operation
For Burst Mode operation or pulse-skipping mode, VIN
voltage may go as high as the absolute maximum rating
of 60V regardless of the frequency setting; however, the
LT8619 will reduce the switching frequency as necessary
to regulate the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com