Electronic Components Datasheet Search
  English  ▼

X  

LTC3786 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC3786
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3786 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC3786 Datasheet HTML 36Page - Linear Technology LTC3786 Datasheet HTML 37Page - Linear Technology LTC3786 Datasheet HTML 38Page - Linear Technology LTC3786 Datasheet HTML 39Page - Linear Technology LTC3786 Datasheet HTML 40Page - Linear Technology LTC3786 Datasheet HTML 41Page - Linear Technology LTC3786 Datasheet HTML 42Page - Linear Technology LTC3786 Datasheet HTML 43Page - Linear Technology LTC3786 Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
LT8710
40
8710f
For more information www.linear.com/LT8710
Typical applicaTion
400kHz, 12V Boost Converter Delivers Up to 6A from a 4.5V to 9V Input
Efficiency and Power Loss
Transient Response with 2A to 5A to 2A
Output Load Step (VIN = 5V)
8710 TA04c
VOUT
200mV/DIV
AC-COUPLED
LOAD STEP
2A/DIV
IL1 + IL2
5A/DIV
200µs/DIV
L1: WÜRTH 1.3µH WE-HCI 7443551130
MN: VISHAY SiR802DP
MP: VISHAY Si7635DP
RSENSE1: 1m 2512
RSENSE2: 5m 2512
CIN1: 22µF, 16V, 1206, X5R
CIN2: OSCON 330µF, 16V, 16SEQP330M
COUT1: 22µF, 25V, 1812, X7R
COUT2: OSCON 330µF, 16V, 16SEQP330M
IMON
SS
GND
CSP
TG
CSN
BG
LT8710
8710 TA04a
MODE
INTVCC
RT
SYNC
VIN
EN/FBIN
BIAS
INTVEE
FBX
FLAG
VC
ISP
ISN
VOUT
12V
6A
VIN
4.5 TO 9V
13.3k
L1
1.3µH
COUT2
330µF
2.2µF
10k
88.7k
1m
MN
×2
MP
RSENSE1
130k
18k
2.2µF
47nF
220nF
3.3nF
100pF
+
RSENSE2
5m
COUT1
22µF
×4
COUT2
330µF
+
CIN1
22µF
×4
LOAD CURRENT (A)
0
100
80
90
70
60
50
40
30
20
8
6
7
5
4
3
2
1
0
1
4
5
6
8710 TA04b
2
3
VIN = 5V
VIN = 8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com