Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8640
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8640 Datasheet HTML 7Page - Linear Technology LT8640 Datasheet HTML 8Page - Linear Technology LT8640 Datasheet HTML 9Page - Linear Technology LT8640 Datasheet HTML 10Page - Linear Technology LT8640 Datasheet HTML 11Page - Linear Technology LT8640 Datasheet HTML 12Page - Linear Technology LT8640 Datasheet HTML 13Page - Linear Technology LT8640 Datasheet HTML 14Page - Linear Technology LT8640 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT8619/LT8619-5
11
8619f
For more information www.linear.com/LT8619
BLOCK DIAGRAM
LOGIC
RC
VC
ISS
SW
GND
FB/OUT
0.74V
NPG
OV
OV
OV
0.86V
8619 BD
0.83V
PG
SYNC
RT
EN/UV
R3
OPT
1V
ENABLE
VOUT = 5V
CB
CINTVCC
CIN
COUT
CSS
CC
C1
VOUT
R1
R4
OPT
RT
R2
L
BST
BIAS
INTVCC
INTVCC
3.3V
LDO
VIN
0.8V VREF
EA
SLOPE
COMP
BURST
DETECT
OSC
0.3MHz–2.2MHz
GLITCH
FILTER
–
+
S
R
ICMP
VIN
VIN
Q
CLK
–
+
PPG
–
+
UVLO
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com