Electronic Components Datasheet Search
  English  ▼

X  

LTC3704 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3704 Datasheet HTML 24Page - Linear Technology LTC3704 Datasheet HTML 25Page - Linear Technology LTC3704 Datasheet HTML 26Page - Linear Technology LTC3704 Datasheet HTML 27Page - Linear Technology LTC3704 Datasheet HTML 28Page - Linear Technology LTC3704 Datasheet HTML 29Page - Linear Technology LTC3704 Datasheet HTML 30Page - Linear Technology LTC3704 Datasheet HTML 31Page - Linear Technology LTC3704 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC1871X
32
1871xf
For more information www.linear.com/LTC1871X
LINEAR TECHNOLOGY CORPORATION 2017
LT 0117 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC1871X
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT®1619
Current Mode PWM Controller
300kHz Fixed Frequency, Boost, SEPIC, Flyback Topology
LTC1624
Current Mode DC/DC Controller
SO-8; 300kHz Operating Frequency; Buck, Boost, SEPIC Design;
VIN Up to 36V
LTC1700
No RSENSE Synchronous Step-Up Controller
Up to 95% Efficiency, Operation as Low as 0.9V Input
LTC1871-7
Wide Input Range Controller
No RSENSE, 7V Gate Drive, Current Mode Control
LTC1872
SOT-23 Boost Controller
Delivers Up to 5A, 550kHz Fixed Frequency, Current Mode
LT1930
1.2MHz, SOT-23 Boost Converter
Up to 34V Output, 2.6V ≤ VIN ≤ 16V, Miniature Design
LT1931
Inverting 1.2MHz, SOT-23 Converter
Positive-to-Negative DC/DC Conversion, Miniature Design
LTC3401/LTC3402
1A/2A 3MHz Synchronous Boost Converters
Up to 97% Efficiency, Very Small Solution, 0.5V ≤ VIN ≤ 5V
LTC3704
Positive-to-Negative DC/DC Controller
No RSENSE, Current Mode Control, 50kHz to 1MHz
LT3782
2-Phase Step-Up DC/DC Controller
6V ≤ VIN ≤ 40V; 4A Gate Drive, 150kHz to 500kHz
High Efficiency 5V Input, 12V Output Boost Converter (Bootstrapped)
1871x TA01
SENSE
LTC1871X VIN
FB
GATE
GND
RUN
L1: AGP2923
D1: VBT1045BP
M1: IPC80N04S4
ITH
INTVCC
FREQ
80.6k
4.7µF
10nF
L1
10µH
VIN
5V
VOUT
12V
2A
GND
D1
M1
MODE/SYNC
33.2k
100µF
6.3V
47µF
25V
×8
110k
12.4k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com