Electronic Components Datasheet Search
  English  ▼

X  

LT1709-8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1709-8
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1709-8 Datasheet(HTML) 4 Page - Linear Technology

  LT1709-8 Datasheet HTML 1Page - Linear Technology LT1709-8 Datasheet HTML 2Page - Linear Technology LT1709-8 Datasheet HTML 3Page - Linear Technology LT1709-8 Datasheet HTML 4Page - Linear Technology LT1709-8 Datasheet HTML 5Page - Linear Technology LT1709-8 Datasheet HTML 6Page - Linear Technology LT1709-8 Datasheet HTML 7Page - Linear Technology LT1709-8 Datasheet HTML 8Page - Linear Technology LT1709-8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC3728L-1
4
3728l1fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPLLFLTR
Phase Detector Output Current
Sinking Capability
Sourcing Capability
fPLLIN < fOSC
fPLLIN > fOSC
–15
15
μA
μA
3.3V Linear Regulator
V3.3OUT
3.3V Regulator Output Voltage
No Load
●
3.2
3.35
3.45
V
V3.3IL
3.3V Regulator Load Regulation
I3.3 = 0 to 10mA
0.5
2
%
V3.3VL
3.3V Regulator Line Regulation
6V < VIN < 30V
0.05
0.2
%
I3.3LEAK
Leakage Current in Shutdown
VRUN/SS1 = 0V; VRUN/SS2 = 0V, VIN = 3V
●
10
50
μA
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
μA
VPG
PGOOD Trip Level, Either Controller
VOSENSE with Respect to Set Output Voltage
VOSENSE Ramping Negative
VOSENSE Ramping Positive
–6
6
–7.5
7.5
– 9.5
9.5
%
%
Efficiency vs Output Current
and Mode (Figure 13)
Efficiency vs Output Current
(Figure 13)
Efficiency vs Input Voltage
(Figure 13)
TYPICAL PERFORMANCCE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC3728LUH-1: TJ = TA + (PD • 34°C/W)
LTC3728LGN-1: TJ = TA + (PD • 95°C/W)
Note 3: The IC is tested in a feedback loop that servos VITH1, 2 to a
specified voltage and measures the resultant VOSENSE1, 2.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 5: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 6: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current ≥ 40% of IMAX (see minimum on-time
considerations in the Applications Information section).
Note 7: The LTC3728LE-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization
and correlation with statistical process controls. The LTC3728LI-1 is
guaranteed to meet performance specifications over the full –40°C to 85°C
operating temperature range
OUTPUT CURRENT (A)
0.001
0
10
30
40
50
100
70
0.01
0.1
1
3728L1 G01
20
80
90
60
10
FORCED
CONTINUOUS
MODE (PWM)
CONSTANT
FREQUENCY
(BURST DISABLE)
Burst Mode
OPERATION
VIN = 15V
VOUT = 5V
f = 250kHz
OUTPUT CURRENT (A)
0.001
70
80
10
3728L1 G02
60
50
0.01
0.1
1
100
90
VIN = 10V
VIN = 15V
VIN = 7V
VIN = 20V
VOUT = 5V
f = 250kHz
INPUT VOLTAGE (V)
5
70
80
3728L1 G03
60
50
15
25
35
100
VOUT = 5V
IOUT = 3A
f = 250kHz
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com