Electronic Components Datasheet Search
  English  ▼

X  

LTC3868 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 4 Page - Linear Technology

  LTC3868 Datasheet HTML 1Page - Linear Technology LTC3868 Datasheet HTML 2Page - Linear Technology LTC3868 Datasheet HTML 3Page - Linear Technology LTC3868 Datasheet HTML 4Page - Linear Technology LTC3868 Datasheet HTML 5Page - Linear Technology LTC3868 Datasheet HTML 6Page - Linear Technology LTC3868 Datasheet HTML 7Page - Linear Technology LTC3868 Datasheet HTML 8Page - Linear Technology LTC3868 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTC3807
4
3807fa
For more information www.linear.com/LTC3807
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified
operating junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, VRUN = 5V, EXTVCC = 0V unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver
TG Pull-Up On-Resistance
TG Pull-Down On-Resistance
2.5
1.5
Ω
Ω
BG Pull-Up On-Resistance
BG Pull-Down On-Resistance
2.4
1.1
Ω
Ω
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
16
ns
ns
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
13
ns
ns
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF
30
ns
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF
30
ns
tON(MIN)
Minimum On-Time
(Note 7)
95
ns
INTVCC Linear Regulator
Internal VCC Voltage
6V < VIN < 38V, VEXTVCC = 0V
4.85
5.1
5.35
V
INTVCC Load Regulation
ICC = 0mA to 50mA, VEXTVCC = 0V
0.7
1.1
%
Internal VCC Voltage
6V < VEXTVCC < 13V
4.85
5.1
5.35
V
INTVCC Load Regulation
ICC = 0mA to 50mA,
VEXTVCC = 8.5V
0.6
1.1
%
EXTVCC Switchover Voltage
ICC = 0mA to 50mA,
EXTVCC Ramping Positive
4.5
4.7
4.9
V
EXTVCC Hysteresis
250
mV
Oscillator and Phase-Locked Loop
Programmable Frequency
RFREQ = 25k;
PLLIN/MODE = DC Voltage
105
kHz
Programmable Frequency
RFREQ = 65k;
PLLIN/MODE = DC Voltage
375
440
505
kHz
Programmable Frequency
RFREQ =105k;
PLLIN/MODE = DC Voltage
835
kHz
Low Fixed Frequency
VFREQ = 0V;
PLLIN/MODE = DC Voltage
320
350
380
kHz
High Fixed Frequency
VFREQ = INTVCC;
PLLIN/MODE = DC Voltage
485
535
585
kHz
Synchronizable Frequency
PLLIN/MODE = External Clock
l
75
750
kHz
PGOOD Output
PGOOD Voltage Low
IPGOOD = 2mA
0.2
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com