Electronic Components Datasheet Search
  English  ▼

X  

LTC3868 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3868 Datasheet HTML 17Page - Linear Technology LTC3868 Datasheet HTML 18Page - Linear Technology LTC3868 Datasheet HTML 19Page - Linear Technology LTC3868 Datasheet HTML 20Page - Linear Technology LTC3868 Datasheet HTML 21Page - Linear Technology LTC3868 Datasheet HTML 22Page - Linear Technology LTC3868 Datasheet HTML 23Page - Linear Technology LTC3868 Datasheet HTML 24Page - Linear Technology LTC3868 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC3858-2
21
38582f
APPLICATIONS INFORMATION
Figure 6. Using the SS Pin to Program Soft-Start
Setting Output Voltage
The LTC3858-2 output voltages are each set by an exter-
nal feedback resistor divider carefully placed across the
output, as shown in Figure 5. The regulated output voltage
is determined by:
VOUT = 0.8V 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟
To improve the frequency response, a feedforward ca-
pacitor, CFF, may be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
Soft-Start (SS Pins)
The start-up of each VOUT is controlled by the voltage on
the respective SS pin. When the voltage on the SS pin
is less than the internal 0.8V reference, the LTC3858-2
regulates the VFB pin voltage to the voltage on the SS
pin instead of 0.8V. The SS pin can be used to program
an external soft-start function or to allow VOUT to track
another supply during start-up.
Soft-start is enabled by simply connecting a capacitor from
the SS pin to ground, as shown in Figure 6. An internal
1μA current source charges the capacitor, providing a
linear ramping voltage at the SS pin. The LTC3858-2 will
regulate the VFB pin (and hence VOUT) according to the
voltage on the SS pin, allowing VOUT to rise smoothly from
0V to its final regulated value. The total soft-start time will
be approximately:
tSS = CSS •
0.8V
1μA
1/2 LTC3858-2
SS
CSS
SGND
38582 F06
Figure 5. Setting Output Voltage
1/2 LTC3858-2
VFB
VOUT
RB
CFF
RA
38582 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com