Electronic Components Datasheet Search
  English  ▼

X  

LTC3890 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3890
Description  Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3890 Datasheet HTML 26Page - Linear Technology LTC3890 Datasheet HTML 27Page - Linear Technology LTC3890 Datasheet HTML 28Page - Linear Technology LTC3890 Datasheet HTML 29Page - Linear Technology LTC3890 Datasheet HTML 30Page - Linear Technology LTC3890 Datasheet HTML 31Page - Linear Technology LTC3890 Datasheet HTML 32Page - Linear Technology LTC3890 Datasheet HTML 33Page - Linear Technology LTC3890 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
LTC3807
31
3807fa
For more information www.linear.com/LTC3807
PACKAGE DESCRIPTION
3.00
±0.10
1.50 REF
4.00
±0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
±0.10
19 20
1
2
BOTTOM VIEW—EXPOSED PAD
2.50 REF
0.75
±0.05
R = 0.115
TYP
PIN 1 NOTCH
R = 0.20 OR 0.25
× 45° CHAMFER
0.25
±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UDC20) QFN 1106 REV Ø
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70
±0.05
0.25
±0.05
2.50 REF
3.10
±0.05
4.50
±0.05
1.50 REF
2.10
±0.05
3.50
±0.05
PACKAGE OUTLINE
R = 0.05 TYP
1.65
±0.10
2.65
±0.10
1.65
±0.05
2.65
±0.05
0.50 BSC
UDC Package
20-Lead Plastic QFN (3mm
× 4mm)
(Reference LTC DWG # 05-08-1742 Rev Ø)
Please refer to http://www.linear.com/product/LTC3807#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com