Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2977
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2977 Datasheet(HTML) 4 Page - Linear Technology

  LTC2977 Datasheet HTML 1Page - Linear Technology LTC2977 Datasheet HTML 2Page - Linear Technology LTC2977 Datasheet HTML 3Page - Linear Technology LTC2977 Datasheet HTML 4Page - Linear Technology LTC2977 Datasheet HTML 5Page - Linear Technology LTC2977 Datasheet HTML 6Page - Linear Technology LTC2977 Datasheet HTML 7Page - Linear Technology LTC2977 Datasheet HTML 8Page - Linear Technology LTC2977 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC3870
4
3870fb
For more information www.linear.com/LTC3870
Typical perForMance characTerisTics
Efficiency vs Load Current
Efficiency vs Load Current
Full Load Efficiency and Power
Loss vs Input Voltage
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 15V, VRUN0,VRUN1 = 3.3V, fSYNC = 350kHz
(externally driven) unless otherwise specified.
Note 1: Stresses beyond those listed in under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3870 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3870E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3870I is guaranteed over the full –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the related package thermal
impedance and other environmental factors. The junction temperature TJ
is calculated from the ambient temperature TA and power dissipation PD
according to the following formula:
TJ = TA + (PD • 43°C/W)
Note 3: When VIN >15V, EXTVCC is recommended to reduce IC
Temperature.
Note 4: Output voltage is set and controlled by the master controller in
multiphase operations.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Application Information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition corresponds to an inductor
peak-to-peak ripple current ≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section.
Note 8: EXTVCC is enabled only if VIN is higher than 6.5V.
Note 9: Guaranteed by design.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Inputs RUN0/RUN1, MODE0/MODE1, FAULT0/FAULT1
VIH
Input High Threshold Voltage
l
2.0
V
VIL
Input Low Threshold Voltage
l
1.4
V
LOAD CURRENT (A)
0.1
0
80
70
90
60
50
40
30
20
10
100
1
10
100
3870 G01
CCM
DCM
VIN = 12V
VOUT = 1.8V
fSW = 400kHz
L = 0.56µH
DCR = 1.8m
LOAD CURRENT (A)
0.1
0
80
70
90
60
50
40
30
20
10
100
1
10
100
3870 G02
CCM
DCM
VIN = 12V
VOUT = 3.3V
fSW = 400kHz
L = 0.56µH
DCR = 1.8m
INPUT VOLTAGE (V)
5
87
93
92
91
90
89
88
94
0
2.5
2
1.5
1
0.5
3
7
9
11
13
15
17
19
3870 G03
EFFICIENCY
POWER LOSS
VIN = 12V
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com