Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3880
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 4 Page - Linear Technology

  LTC3880 Datasheet HTML 1Page - Linear Technology LTC3880 Datasheet HTML 2Page - Linear Technology LTC3880 Datasheet HTML 3Page - Linear Technology LTC3880 Datasheet HTML 4Page - Linear Technology LTC3880 Datasheet HTML 5Page - Linear Technology LTC3880 Datasheet HTML 6Page - Linear Technology LTC3880 Datasheet HTML 7Page - Linear Technology LTC3880 Datasheet HTML 8Page - Linear Technology LTC3880 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
LTC3882-1
4
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC Supply Voltage.................................... –0.3V to 15V
VINSNS Voltage ......................................... –0.3V to 40V
VSENSEn– ...................................................... –0.3V to 1V
VSENSEn+, ISENSEn+, ISENSEn– ........................ –0.3V to 6V
FBn, COMPn, TSNSn, IAVG_GND, IAVGn ...... –0.3V to 3.6V
SYNC, FAULTn, PGOODn, SHARE_CLK........–0.3V to 3.6V
SCL, SDA, RUNn, ALERT........................... –0.3V to 5.5V
ASELn, VOUTn_CFG, FREQ_CFG,
PHAS_CFG.............................................. –0.3V to 2.75V
PWMn, VDD25 .................................................. (Note 13)
VDD33............................................................... (Note 14)
Operating Junction Temperature
(Notes 2, 3).......................................... –40°C to 125°C*
Storage Temperature Range ................ –65°C to 150°C*
*See Derating EEPROM Retention at Temperature in the
ApplicationsInformationsectionforjunctiontemperatures
in excess of 125°C.
(Note 1)
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
GND
UJ PACKAGE
40-LEAD (6mm × 6mm) PLASTIC QFN
TJMAX = 125°C, θJA = 33°C/W , θJC = 2.5°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
COMP0
TSNS0
TSNS1
VINSNS
IAVG_GND
PGOOD0
PWM0
SYNC
SCL
SDA
IAVG1
FB1
COMP1
PGOOD1
PWM1
VCC
VDD33
SHARE_CLK
VDD25
PHAS_CFG
21
30
10
1
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3882EUJ-1#PBF
LTC3882EUJ-1#TRPBF
LTC3882UJ-1
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3882IUJ-1#PBF
LTC3882IUJ-1#TRPBF
LTC3882UJ-1
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
doc-LTC3882-1.pdf">http://www.linear.com/product/LTC3882-1#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com