Electronic Components Datasheet Search
  English  ▼

X  

LTC3883 Datasheet(PDF) 49 Page - Linear Technology

Part # LTC3883
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 49 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 45Page - Linear Technology LTC3883 Datasheet HTML 46Page - Linear Technology LTC3883 Datasheet HTML 47Page - Linear Technology LTC3883 Datasheet HTML 48Page - Linear Technology LTC3883 Datasheet HTML 49Page - Linear Technology LTC3883 Datasheet HTML 50Page - Linear Technology LTC3883 Datasheet HTML 51Page - Linear Technology LTC3883 Datasheet HTML 52Page - Linear Technology LTC3883 Datasheet HTML 53Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
LTC3882-1
49
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
RL1
D1
L1
SW1
RSENSE1
VOUT1
COUT1
VIN
CIN
RIN
RL0
D0
BOLD LINES INDICATE
HIGH SWITCHING
CURRENT. KEEP LINES
TO A MINIMUM LENGTH.
L0
SW0
38821 F24
RSENSE0
VOUT0
COUT0
Figure 24. High Frequency Paths and Branch Current Waveforms
for most inductors suitable to LTC3882-1 applications, is
between 0.3mΩ and 1mΩ. If the filter RC time constant is
chosen to be exactly equal to the L/DCR time constant of
the inductor, the voltage drop across the external capaci-
tor is equal to the voltage drop across the inductor DCR.
Check the manufacturer’s data sheet for specifications
regarding the inductor DCR in order to properly dimension
the external filter components. The DCR of the inductor
can also be measured using a good RLC meter.
Use the nominal or measured value of DCR to program
IOUT_CAL_GAIN (in mΩ). The temperature coefficient
of the inductor’s DCR is typically high, like copper. Again,
consult the manufacturer’s data sheet. The LTC3882-1 can
adjust for this non-ideality if the correct MFR_IOUT_CAL_
GAIN_TC value is programmed. Typically this coefficient
is around 3900ppm/°C.
Resistor R1 should be placed close to the switch node,
to prevent noise from coupling into sensitive small-signal
nodes. Capacitor C1 should be placed close to the IC pins.
Anexampleofdiscreteresistorsensingofoutputcurrentis
shown in Figure 26. Previously, the parasitic inductance of
the sense resistor could represent a relatively small error.
New high current density solutions may utilize low sense
resistor values producing sense voltages less than 20mV.
In addition, inductor ripple currents greater than 50%
with operation up to 1MHz are becoming more common.
Under these conditions, the voltage drop across the sense
resistor’s parasitic inductance is no longer negligible. An
RC filter can be used to extract the resistive component
of the current sense signal in the presence of parasitic
inductance. For example, Figure 27 illustrates the voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com