Electronic Components Datasheet Search
  English  ▼

X  

LTC3859AL Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3859AL
Description  No RSENSE Current Mode Boost DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859AL Datasheet(HTML) 2 Page - Linear Technology

  LTC3859AL Datasheet HTML 1Page - Linear Technology LTC3859AL Datasheet HTML 2Page - Linear Technology LTC3859AL Datasheet HTML 3Page - Linear Technology LTC3859AL Datasheet HTML 4Page - Linear Technology LTC3859AL Datasheet HTML 5Page - Linear Technology LTC3859AL Datasheet HTML 6Page - Linear Technology LTC3859AL Datasheet HTML 7Page - Linear Technology LTC3859AL Datasheet HTML 8Page - Linear Technology LTC3859AL Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3872-1
2
38721f
For more information www.linear.com/LTC3872-1
Input Supply Voltage (VIN), RUN/SS.......... –0.3V to 10V
IPRG Voltage................................. –0.3V to (VIN + 0.3V)
VFB, ITH Voltages....................................... –0.3V to 2.4V
SW Voltage ................................................ –0.3V to 60V
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TS8 Package.........................................................300°C
absoluTe MaxiMuM raTings
orDer inForMaTion
IPRG 1
ITH 2
VFB 3
GND 4
8 SW
7 RUN/SS
6 VIN
5 NGATE
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 195°C/W
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
VFB
ITH
IPRG
NGATE
VIN
RUN/SS
SW
TJMAX = 150°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3872ETS8-1#PBF
LTC3872ETS8-1#TRPBF
LTCFN
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC3872ITS8-1#PBF
LTC3872ITS8-1#TRPBF
LTCFN
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC3872HTS8-1#PBF
LTC3872HTS8-1#TRPBF
LTCFN
8-Lead Plastic TSOT-23
–40°C to 150°C
LTC3872EDDB-1#PBF
LTC3872EDDB-1#TRPBF
LCFK
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC3872IDDB-1#PBF
LTC3872IDDB-1#TRPBF
LCFK
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3872HDDB-1#PBF
LTC3872HDDB-1#TRPBF LCFK
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com