Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 76 Page - Linear Technology

Part # LTC2977
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2977 Datasheet(HTML) 76 Page - Linear Technology

Back Button LTC2977 Datasheet HTML 72Page - Linear Technology LTC2977 Datasheet HTML 73Page - Linear Technology LTC2977 Datasheet HTML 74Page - Linear Technology LTC2977 Datasheet HTML 75Page - Linear Technology LTC2977 Datasheet HTML 76Page - Linear Technology LTC2977 Datasheet HTML 77Page - Linear Technology LTC2977 Datasheet HTML 78Page - Linear Technology LTC2977 Datasheet HTML 79Page - Linear Technology LTC2977 Datasheet HTML 80Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
LTC3882-1
76
Rev A
For more information www.analog.com
MFR_CHAN_CONFIG_LTC3882-1
The MFR_CHAN_CONFIG_LTC3882-1 command provides per-channel configuration common to multiple LTC PMBus
products.
Bit Definitions:
BIT
MEANING
7:5
(Reserved).
4
RUN pin control:
0: When the channel is commanded off, the associated RUN pin is pulsed low for TOFF_DELAY + TOFF_FALL + 136ms
(or MFR_RESTART_DELAY, if longer) regardless of the state of bit 3.
1: RUN pin is not pulsed low if channel is commanded off.
3
Short cycle control:
0: No special control. Device attempts to follow on/off commands exactly as issued.
1: Output is immediately disabled if commanded back on while waiting for TOFF_DELAY or TOFF_FALL to expire. A minimum off time
of 120ms is then enforced before the channel is turned back on. Additional delay will apply if bit 4 is clear.
2
SHARE_CLK output control:
0: No special control.
1: Output disabled if SHARE_CLK is held low.
1
(Reserved, must write as 0).
0
MFR_RETRY_DELAY control:
0: Output decay to 12.5% of programmed value required for retry after ANY action that turns off the rail.
1: Output decay not required for retry.
This command has one data byte.
PMBus COMMAND DETAILS (PWM Configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com