Electronic Components Datasheet Search
  English  ▼

X  

LTC2974 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2974
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2974 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2974 Datasheet HTML 18Page - Linear Technology LTC2974 Datasheet HTML 19Page - Linear Technology LTC2974 Datasheet HTML 20Page - Linear Technology LTC2974 Datasheet HTML 21Page - Linear Technology LTC2974 Datasheet HTML 22Page - Linear Technology LTC2974 Datasheet HTML 23Page - Linear Technology LTC2974 Datasheet HTML 24Page - Linear Technology LTC2974 Datasheet HTML 25Page - Linear Technology LTC2974 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
LTC3882-1
22
Rev A
For more information www.analog.com
OPERATION
can also be set from EEPROM or external configuration
resistors as outlined in Table 10. Phase designates the
relationship between the falling edge of SYNC and the
internal clock edge that resets the PWM latch. That reset
turns off the top power switch, producing a PWM falling
edge. Additional small propagation delays to the PWM
control pins will apply.
The phase relationships and frequency are independent
of each other, providing numerous application options.
Multiple LTC3882-1 ICs can be synchronized to realize a
PolyPhase array. In this case the phases should be sepa-
rated by 360/n degrees, where n is the number of phases
driving the output voltage rail.
PolyPhase Load Sharing
Multiple LTC3882-1 ICs can be combined to provide a bal-
anced load-share solution by configuring the necessary
pins. The SHARE_CLK and SYNC pins of all load-sharing
channels should be bussed together. Connecting the
SYNC pins synchronizes the PWM controllers with each
other. Bussing the SHARE_CLK pins together allows the
phases to start synchronously. Refer to the discussion in
the previous Power-Up and Initialization section. The last
device to see all start-up conditions satisfied controls the
initiation of power sequencing for all phases.
Due to the low output impedance of the LTC3882-1 error
amplifiers, PolyPhase applications should use the error
amplifier of only one phase as the master. The FB pins of
each slave channel must be wired to VDD33, and the COMP
pins of each slave phase must be connected to the master
error amplifier COMP output. This disables the slave error
amplifiers and provides a single point of voltage control
and loop stabilization for the PolyPhase output rail.
ForPolyPhaseloadsharingtheLTC3882-1alsoincorporates
anauxiliarycurrentsharingloop.ReferringbacktoFigure1,
the instantaneous current of each slave phase is sensed
by current amplifier CA and compared to the IAVG pin. The
IAVG and IAVG_GND pins of each phase are wired together,
and a small capacitor (50pF to 200pF) between IAVG and
IAVG_GND stores a voltage corresponding to the average
master phase output current. The difference in this aver-
age and the instantaneous phase current is integrated.
The output of integrator S of each slave phase is then
proportionally summed with the master error amplifier
COMP output to adjust the duty cycle and balance the
current contribution of that phase. Additional hardware
configurationanddigitalprogrammingrequirementsapply
in PolyPhase systems. Refer to the Applications Informa-
tion section for complete details on building PolyPhase
rails with the LTC3882-1.
Active Voltage Positioning
Load slope is programmable in the LTC3882-1 via the
MFR_VOUT_AVP PMBus command. The inductor cur-
rent measured at the ISENSE pins is converted to a voltage
which is then subtracted from the voltage reference at the
positive input of the error amplifier. The final load slope
is defined by the inductor current sense element and the
bits set in the MFR_VOUT_AVP PMBus command. Setting
MFR_VOUT_AVPtoavaluegreaterthan0.0%automatically
disables output servo mode for that channel.
Input Supply Monitoring
The input supply voltage is sensed by the LTC3882-1 at the
VINSNS pin. Undervoltage, overvoltage, valid on and off
levels can be programmed for VIN. Refer to the following
PMBus Command Details section for more information on
programming the input supply thresholds. In addition, the
telemetry ADC monitors the VINSNS voltage relative to
GND. Conversion results are returned by the READ_VIN
PMBus command.
Output Voltage Sensing and Monitoring
BothPWMchannelsallowremote,differentialsensingofthe
load voltage with VSENSE pins. The channel 1 output sense
pin VSENSE1– is internally shorted to GND (the exposed
pad). The telemetry ADC is fully differential and makes its
measurements of the output voltages of channels 0 and 1
atVSENSE0±andVSENSE1±,respectively.Conversionresults
are returned by the READ_VOUT PMBus command.
Output Current Sensing and Monitoring
Both channels allow differential sensing of the inductor
current using either the inductor DCR or a resistor in series
with the inductor across the ISENSE pins. When the ISENSE
pins for a channel are multiplexed to the differential inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com