Electronic Components Datasheet Search
  English  ▼

X  

LTC3869 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3869
Description  Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3869 Datasheet(HTML) 3 Page - Linear Technology

  LTC3869 Datasheet HTML 1Page - Linear Technology LTC3869 Datasheet HTML 2Page - Linear Technology LTC3869 Datasheet HTML 3Page - Linear Technology LTC3869 Datasheet HTML 4Page - Linear Technology LTC3869 Datasheet HTML 5Page - Linear Technology LTC3869 Datasheet HTML 6Page - Linear Technology LTC3869 Datasheet HTML 7Page - Linear Technology LTC3869 Datasheet HTML 8Page - Linear Technology LTC3869 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
LTC3875
3
3875fb
For more information www.linear.com/LTC3875
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 15V, VRUN1,2 = 5V unless otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3875EUH#PBF
LTC3875EUH#TRPBF
3875
40-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3875IUH#PBF
LTC3875IUH#TRPBF
3875
40-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3875EUJ#PBF
LTC3875EUJ#TRPBF
LTC3875
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3875IUJ#PBF
LTC3875IUJ#TRPBF
LTC3875
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VIN
Input Voltage Range
4.5
38
V
VOUT
Output Voltage Range
SNSD+ Pin to VOUT
SNSD+ Pin to GND
0.6
0.6
3.5
5
V
V
VOSNS1,2+
Regulated VOUT Feedback Voltage
Including Diffamp Error
(Note 4); ITH1,2 Voltage = 1.2V, –40°C to 85°C
(Note 4); ITH1,2 Voltage = 1.2V,–40°C to 125°C
l
0.597
0.5965
0.600
0.600
0.603
0.6045
V
V
IOSNS1,2+
Feedback Current
(Note 4)
–30
–100
nA
VREFLNREG
Reference Voltage Line Regulation VIN = 4.5V to 38V (Note 4)
0.002 0.005
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop; ∆ITH Voltage = 1.2V to 0.7V
Measured in Servo Loop; ∆ITH Voltage = 1.2V to 1.6V
l
l
0.01
–0.01
0.1
–0.1
%
%
gm1,2
Transconductance Amplifier gm
ITH1,2 = 1.2V; Sink/Source 5µA (Note 4)
2.2
mmho
Thermal Functions
ITCOMP1,2
Thermal Sensor Current
29
30
31
µA
TSHDN
Internal Thermal Shutdown
(Note 8)
160
°C
THYS
Internal TS Hysteresis
(Note 8)
10
°C
Fast Transient Functions
IFAST
Fast Transient Program Current
l
9
10
11
µA
Current Sensing Functions
ISENSE(AC)
AC Sense Pins Bias Current
Each Channel; VSNSA+(S) = 3.3V
±0.5
±2
µA
ISENSE(DC)
DC Sense Pins Bias Current
Each Channel; VSNSD+(S) = 3.3V
l
±30
±50
nA
AVT(SNS)
Total Sense Gain to Current Comp
5
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com