Electronic Components Datasheet Search
  English  ▼

X  

LTC3857 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3857
Description  Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3857 Datasheet HTML 16Page - Linear Technology LTC3857 Datasheet HTML 17Page - Linear Technology LTC3857 Datasheet HTML 18Page - Linear Technology LTC3857 Datasheet HTML 19Page - Linear Technology LTC3857 Datasheet HTML 20Page - Linear Technology LTC3857 Datasheet HTML 21Page - Linear Technology LTC3857 Datasheet HTML 22Page - Linear Technology LTC3857 Datasheet HTML 23Page - Linear Technology LTC3857 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
LTC3875
20
3875fb
For more information www.linear.com/LTC3875
APPLICATIONS INFORMATION
R1 • C1 is the filter time constant of the SNSD+ pin.
R2 • C2 is the filter time constant of the SNSA+ pin.
For example, for a 12VIN, 1.2V/30A step-down buck con-
verter running at 400kHz frequency, a 0.15µH, 0.4mΩ
inductor is chosen. This inductor provides 15A peak-to-
peak ripple current, which is 50% of the 30A full load
current. At full load, the inductor peak current is 30A +
15A/2 = 37.5A.
IL(PK) • DCR = 37.5A • 0.4mΩ = 15mV.
In this case, choose the 20mV ILIM setting which is the
closest but higher than 15mV to provide margin for cur-
rent limit.
Select the two R/C sensing network:
Filter on SNSD+ pin: R1 • C1 = L/DCR,
Filter on SNSA+ pin: R2 • C2 = (L/DCR)/5.
In this case, the ripple sense signal across SNSA+ and
SNS– pins is ΔILP-P • DCR • 5 = 15A • 0.4mΩ • 5 = 30mV.
This signal should be more than 15mV for good signal-to-
noise ratio. In this case, it is certainly sufficient.
The peak inductor current at current limit is:
ILIM(PK) = 20mV/DCR = 20mV/0.4mΩ = 50A.
The average inductor current, which is also the output
current, at current limit is :
ILIM(AVG) = ILIM(PK) – ΔILP-P/2 = 50A – 15A/2 = 42.5A.
Toensurethattheloadcurrentwillbedeliveredoverthefull
operatingtemperaturerange,thetemperaturecoefficientof
DCR resistance, approximately 0.4%/°C, should be taken
into account. The LTC3875 features a DCR temperature
compensationcircuitthatusesanNTCtemperaturesensing
resistor for this purpose. See the Inductor DCR Sensing
Temperature Compensation section for details.
Typically, C1 and C2 are selected in the range of 0.047µF
to 0.47µF. If C1 and C2 are chosen to be 100nF, and an
inductor of 150nH with 0.4mΩ DCR is selected, R1 and R2
will be 4.64k and 931Ω respectively. The bias current at
SNSD+ and SNSA+ is about 30nA and 500nA respectively,
and it causes some small error to the sense signal.
There will be some power loss in R1 and R2 that relates to
the duty cycle, and will be the most in continuous mode
at the maximum input voltage:
PLOSS R
( )=
VIN(MAX) – VOUT
(
)•V
OUT
R
Ensure that R1 and R2 have a power rating higher than this
value. However, DCR sensing eliminates the conduction
loss of a sense resistor; it will provide a better efficiency
at heavy loads. To maintain a good signal-to-noise ratio
for the current sense signal, using ∆VSENSE of 15mV be-
tween SNSA+ and SNS– pins or an equivalent 3mV ripple
on the current sense signal. The actual ripple voltage
across SNSA+ and SNS– pins will be determined by the
following equation:
∆VSENSE =
VOUT
VIN
•
VIN – VOUT
R2•C2• fOSC
Inductor DCR Sensing Temperature Compensation
with NTC Thermistor
For DCR sensing applications, the temperature coefficient
of the inductor winding resistance should be taken into
account when the accuracy of the current limit is criti-
cal over a wide range of temperature. The main element
used in inductors is copper; that has a positive tempco
of approximately 4000ppm/°C. The LTC3875 provides
a feature to correct for this variation through the use of
the TCOMP/ITEMP pin. There is a 30µA precision current
source flowing out of the TCOMP/ITEMP pin. A thermistor
with a NTC (negative temperature coefficient) resistance
can be used in a network, RITEMP (Figure 4b) connected to
maintain the current limit threshold constant over a wide
operating temperature. The TCOMP/ITEMP voltage range
that activates the correction is from 0.7V or less. If this
pin is floating, its voltage will be at INTVCC potential, about
5.5V.WhentheTCOMP/ITEMPvoltageishigherthan0.7V,
the temperature compensation is inactive. Floating the
ENTMPB pin enables the temperature compensation
function.
The following guidelines will help to choose components
for temperature correction. The initial compensation is for
25°C ambient temperature:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com