Electronic Components Datasheet Search
  English  ▼

X  

LTC3858 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3858
Description  Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3858 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3858 Datasheet HTML 9Page - Linear Technology LTC3858 Datasheet HTML 10Page - Linear Technology LTC3858 Datasheet HTML 11Page - Linear Technology LTC3858 Datasheet HTML 12Page - Linear Technology LTC3858 Datasheet HTML 13Page - Linear Technology LTC3858 Datasheet HTML 14Page - Linear Technology LTC3858 Datasheet HTML 15Page - Linear Technology LTC3858 Datasheet HTML 16Page - Linear Technology LTC3858 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
LTC3875
13
3875fb
For more information www.linear.com/LTC3875
to the error amplifier. The VFB signal is regulated to the
lower of the error amplifier’s three noninverting inputs
(the internal soft-start ramp, the TK/SS pin or the internal
600mV reference). As the ramp voltage rises from 0V to
0.6V, over approximately 600µs, the output voltage rises
smoothly from its pre-biased value to its final set value.
Certain applications can require the start-up of the con-
verter into a non-zero load voltage, where residual charge
is stored on the output capacitor at the onset of converter
switching. In order to prevent the output from discharging
under these conditions, the top and bottom MOSFETs are
disabled until soft-start is greater than VFB.
Light Load Current Operation (Burst Mode Operation,
Pulse-Skipping, or Continuous Conduction)
The LTC3875 can be enabled to enter high efficiency Burst
Modeoperation,constantfrequencypulse-skippingmode,
or forced continuous conduction mode. To select forced
continuous operation, tie the MODE/PLLIN pin to a DC
voltage below 0.6V (e.g., SGND). To select pulse-skipping
mode of operation, tie the MODE/PLLIN pin to INTVCC. To
select Burst Mode operation, float the MODE/PLLIN pin.
When a controller is enabled for Burst Mode operation,
the peak current in the inductor is set to approximately
one-third of the maximum sense voltage even though the
voltage on the ITH pin indicates a lower value. If the aver-
age inductor current is higher than the load current, the
error amplifier, EA, will decrease the voltage on the ITH
pin. When the ITH voltage drops below 0.5V, the internal
sleep signal goes high (enabling sleep mode) and both
external MOSFETs are turned off.
In sleep mode, the load current is supplied by the output
capacitor.Astheoutputvoltagedecreases,theEA’soutput
begins to rise. When the output voltage drops enough, the
sleep signal goes low, and the controller resumes normal
operation by turning on the top external MOSFET on the
next cycle of the internal oscillator. When a controller is
enabled for Burst Mode operation, the inductor current is
not allowed to reverse. The reverse current comparator
(IREV) turns off the bottom external MOSFET just before
the inductor current reaches zero, preventing it from re-
versing and going negative. Thus, the controller operates
in discontinuous operation.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the ITH pin. In this mode, the efficiency at
lightloadsislowerthaninBurstModeoperation.However,
continuousmodehastheadvantagesofloweroutputripple
and less interference with audio circuitry.
When the MODE/PLLIN pin is connected to INTVCC, the
LTC3875 operates in PWM pulse-skipping mode at light
loads. At very light loads, the current comparator, ICMP,
mayremaintrippedforseveralcyclesandforcetheexternal
top MOSFET to stay off for the same number of cycles (i.e.,
skipping pulses). The inductor current is not allowed to
reverse (discontinuous operation). This mode, like forced
continuous operation, exhibits low output ripple as well as
low audio noise and reduced RF interference as compared
to Burst Mode operation. It provides higher low current
efficiency than forced continuous mode, but not nearly as
high as Burst Mode operation.
Multichip Operations (PHASMD and CLKOUT Pins)
The PHASMD pin determines the relative phases between
theinternalchannelsaswellastheCLKOUTsignalasshown
in Table 1. The phases tabulated are relative to zero phase
being defined as the rising edge of the clock of phase 1.
Table 1
PHASMD
GND
FLOAT
INTVCC
Phase 1
0°
0°
0°
Phase 2
180°
180°
240°
CLKOUT
60°
90°
120°
The CLKOUT signal can be used to synchronize additional
powerstagesinamultiphasepowersupplysolutionfeeding
a single, high current output or separate outputs. Input
capacitance ESR requirements and efficiency losses are
substantiallyreducedbecausethepeakcurrentdrawnfrom
the input capacitor is effectively divided by the number of
phases used and power loss is proportional to the RMS
current squared. A 2-stage, single output voltage imple-
mentation can reduce input path power loss by 75% and
radically reduce the required RMS current rating of the
input capacitor(s).
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com