Electronic Components Datasheet Search
  English  ▼

X  

KSY13 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # KSY13
Description  Hall Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KSY13 Datasheet(HTML) 1 Page - Infineon Technologies AG

  KSY13 Datasheet HTML 1Page - Infineon Technologies AG KSY13 Datasheet HTML 2Page - Infineon Technologies AG KSY13 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
1
1999-04-01
The position sensor KSY 13 is an ion-implanted Hall generator made of mono-crystalline
GaAs material. Enclosed in a miniature package (SOT 143), it is suitable for surface
mounting (SMT).
If the sensor is operated with a constant supply current, the output Hall voltage is directly
proportional to a magnetic field acting upon the sensor. This sensor is outstanding for its
high magnetic field sensitivity and very low temperature coefficient.
The active area of the GaAs chip is approx. 0.2 mm
× 0.2 mm and is placed approx.
0.3 mm below the plastic surface of the package. The chip carrier is softmagnetic.
Type
Marking
Ordering Code
KSY 13 (E 7502)
S 13
Q62705-K209 (taped on 18-cm reel)
Hall Sensor
KSY 13
Version 2.0
Dimensions in mm
Features
• High sensitivity
• High operating temperature
• Low offset voltage
• Low
TC of sensitivity and
internal resistance
• Plastic miniature package
SOT 143 for surface
mounting (SMT)
Typical Applications
• Digital speed sensors
• Digital position sensors
• Commutatorless DC motors


Similar Part No. - KSY13

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KSY13 SIEMENS-KSY13 Datasheet
79Kb / 3P
Hall Sensor
More results

Similar Description - KSY13

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KSY10 SIEMENS-KSY10 Datasheet
115Kb / 3P
Hall Sensor
KSY13 SIEMENS-KSY13 Datasheet
79Kb / 3P
Hall Sensor
KSY14 SIEMENS-KSY14 Datasheet
88Kb / 3P
Hall Sensor
KSY16 SIEMENS-KSY16 Datasheet
61Kb / 2P
Hall Sensor
logo
Infineon Technologies A...
KSY10 INFINEON-KSY10 Datasheet
96Kb / 3P
Hall Sensor
1999-04-01
logo
List of Unclassifed Man...
PT-30E6 ETC1-PT-30E6 Datasheet
109Kb / 1P
Hall Sensor
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
logo
NANJING AH ELECTRONICS ...
AH543 AHNJ-AH543 Datasheet
666Kb / 9P
Unipolar Hall Sensor
logo
FOTEK CONTROLS CO., LTD...
MS08-10N FOTEK-MS08-10N Datasheet
239Kb / 2P
Mahnetic Hall sensor
logo
Beijing Yaohuadechang E...
HV25 YHDC-HV25 Datasheet
4Mb / 1P
Hall voltage sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com