Electronic Components Datasheet Search
  English  ▼

X  

HEC4372 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HEC4372
Description  GENERAL PURPOSE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HEC4372 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HEC4372 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HEC4372 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HEC4372 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 3
HEC4372(NPN)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE :
FEATURES
Small Flat Package
High Voltage Switching Application
High Voltage
High Transition Frequency
MAXIMUM RATINGS (TA= 25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC=0.1mA,IE=0
200
V
Collector-Emitter Breakdown Voltage
VCEO
IC=1mA,IB=0
150
V
Emitter-Base Breakdown Voltage
VEBO
IE=0.1mA,IC=0
5
V
Collector Cut-off Current
ICBO
VCB=200V,IE=0
100
nA
Emitter Cut-off Current
IEBO
VEB=5V,IC=0
100
nA
DC Current Gain
hFE
VCE=5V,IC=10mA
70
240
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10mA ,IB=1mA
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)*
IC=5A,IB=30mA
1
V
Transition Frequency
fT
VCE=30V,IC=10mA
120
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
5
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
70-140
120-240
Marking
AO
AY
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5
V
Collector Current-Continuous
IC
50
mA
Collector Power Dissipation
PC
500
mW
Thermal Resistance From Junction to Ambient
RθJA
250
°C/W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55~+150
°C
SOT-89
1:BASE
2:COLLECTOR 3:EMITTER
KTC4372


Similar Part No. - HEC4372

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HEC4373 HOTTECH-HEC4373 Datasheet
346Kb / 4P
GENERAL PURPOSE TRANSISTOR
HEC4374 HOTTECH-HEC4374 Datasheet
429Kb / 4P
GENERAL PURPOSE TRANSISTOR
HEC4375 HOTTECH-HEC4375 Datasheet
488Kb / 4P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HEC4372

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com