Electronic Components Datasheet Search
  English  ▼

X  

LTC3884 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3884
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3884 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3884 Datasheet HTML 16Page - Linear Technology LTC3884 Datasheet HTML 17Page - Linear Technology LTC3884 Datasheet HTML 18Page - Linear Technology LTC3884 Datasheet HTML 19Page - Linear Technology LTC3884 Datasheet HTML 20Page - Linear Technology LTC3884 Datasheet HTML 21Page - Linear Technology LTC3884 Datasheet HTML 22Page - Linear Technology LTC3884 Datasheet HTML 23Page - Linear Technology LTC3884 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 128 page
background image
LTC3884/LTC3884-1
20
3884fe
For more information www.linear.com/LTC3884
OPERATION
OVERVIEW
The LTC3884-1 has all the features that LTC3884 has,
except the LTC3884 includes MOSFET gate drivers while
the LTC3884-1 does not. LTC3884 is used in applications
where the gate driver is required while the LTC3884-1
is used in applications where the gate driver is external,
for example a DrMOS power stage. In the remainder of
this document, all the descriptions, features, operation
and applications of LTC3884 apply to LTC3884-1, unless
otherwise specified.
The LTC3884 is a dual channel/dual phase, constant-
frequency,analogcurrentmodecontrollerforDC/DCstep-
down applications with a digital interface. The LTC3884
digital interface is compatible with PMBus which supports
bus speeds of up to 400kHz. A Typical Application circuit
is shown on the first page of this data sheet.
LTC3884 is very similar to LTC3880, but has numerous
new features as shown in bold:
Major features include:
n
Sub-Milliohm DCR Sensing
n
Dedicated Power Good Indicators
n
Direct Input and Chip Current Sensing
n
Programmable Loop Compensation Parameters
n
TINIT Start-Up Time: 35ms
n
PWM Synchronization Circuit, (See Frequency and
Phasing Section for Details)
n
MFR_ADC_CONTROL for Fast ADC Sampling of One
Parameter (as Fast as 8ms) (See PMBus Command
for Details)
n
Fully Differential Output Sensing for Both Channels;
VOUT0/1 Both Programmable Up to 5.5V
n
Power-Up and Program EEPROM with EXTVCC
n
Input Voltage Up to 38V
n
Dual Diode Temperature Sensing
n
SYNC Contention Circuit (Refer to Frequency and
Phase Section for Details)
n
Fault Logging
n
Programmable Output Voltage
n
Programmable Input Voltage On and Off Threshold
Voltage
n
Programmable Current Limit
n
Programmable Switching Frequency
n
Programmable OV and UV Threshold voltage
n
Programmable ON and Off Delay Times
n
Programmable Output Rise/Fall Times
n
Phase-Locked Loop for Synchronous PolyPhase
Operation (2, 3, 4 or 6 Phases).
n
Integrated Gate Drivers (LTC3884)
n
Nonvolatile Configuration Memory with ECC
n
Optional External Configuration Resistors for Key
Operating Parameters
n
Optional Timebase Interconnect for Synchronization
Between Multiple Controllers
n
WP Pin to Protect Internal Configuration
n
StandAloneOperationAfterUserFactoryConfiguration
n
PMBus, Version 1.2, 400kHz Compliant Interface
The PMBus interface provides access to important power
management data during system operation including:
n
Internal Controller Temperature
n
External System Temperature via Optional Diode Sense
Elements
n
Average Output Current
n
Average Output Voltage
n
Average Input Voltage
n
Average Input Current
n
Average Chip Input Current from VIN
n
Configurable, Latched and Unlatched Individual Fault
and Warning Status
IndividualchannelsareaccessedthroughthePMBususing
the PAGE command, i.e., PAGE 0 or 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com