Electronic Components Datasheet Search
  English  ▼

X  

LTC3899 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3899
Description  60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3899 Datasheet(HTML) 1 Page - Linear Technology

  LTC3899 Datasheet HTML 1Page - Linear Technology LTC3899 Datasheet HTML 2Page - Linear Technology LTC3899 Datasheet HTML 3Page - Linear Technology LTC3899 Datasheet HTML 4Page - Linear Technology LTC3899 Datasheet HTML 5Page - Linear Technology LTC3899 Datasheet HTML 6Page - Linear Technology LTC3899 Datasheet HTML 7Page - Linear Technology LTC3899 Datasheet HTML 8Page - Linear Technology LTC3899 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTC3899
1
3899fa
For more information www.linear.com/LTC3899
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V Low IQ, Triple
Output, Buck/Buck/Boost
Synchronous Controller
The LTC®3899 is a high performance triple output (buck/
buck/boost) DC/DC switching regulator controller that
drives all N-channel synchronous power MOSFET stages.
The constant frequency current mode architecture allows
a phase-lockable frequency of up to 850kHz. The LTC3899
operates from a wide 4.5V to 60V input supply range.
When biased from the output of the boost converter or
another auxiliary supply, the LTC3899 can operate from
an input supply as low as 2.2V after start-up.
The gate drive for the LTC3899 can be programmed from
5V to 10V to allow the use of logic-level or standard-level
FETs and to maximize efficiency. Internal switches in the
top gate drivers eliminate the need for external bootstrap
diodes. The 29μA no-load quiescent current extends op-
eratingruntimeinbattery-poweredsystems.OPTI-LOOP®
compensationallowsthetransientresponsetobeoptimized
over a wide range of output capacitance and ESR values.
High Efficiency Wide Input Range Dual 5V/8.5V Converter
Efficiency vs Output Current
APPLICATIONS
n
DualBuckPlusSingleBoost SynchronousControllers
n
Wide Bias Input Voltage Range: 4.5V to 60V
n
Outputs Remain in Regulation Through Cold Crank
Down to a 2.2V Input Supply Voltage
n
Buck and Boost Output Voltages Up to 60V
n
Adjustable Gate Drive Level 5V to 10V (OPTI-DRIVE)
n
No External Bootstrap Diodes Required
n
Low Operating IQ: 29μA (One Channel On)
n
100% Duty Cycle for Boost Synchronous MOSFET
n
Phase-Lockable Frequency (75kHz to 850kHz)
n
Programmable Fixed Frequency (50kHz to 900kHz)
n
Very Low Dropout Operation: 99% Duty Cycle (Bucks)
n
Low Shutdown IQ: 3.6μA
n
Fixed or Adjustable Boost Output Voltage Saves IQ
n
Small 38-Lead 5mm × 7mm QFN and TSSOP Packages
n
Automotive Always-On and Start-Stop Systems
n
Distributed DC Power Systems
n
Multioutput Buck-Boost Applications
L
, LT, LTC, LTM, Burst Mode, OPTI-LOOP, Linear Technology and the Linear logo are
registered trademarks of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents including 5481178, 5705919, 5929620,
6144194, 6177787, 6580258.
68.1k
649k
TG1
RUN1, 2, 3
LTC3899
VBIAS
0.1µF
0.1µF
0.1µF
4.9µH
1.2µH
3m
68.1k
357k
VOUT1
5V
5A
VOUT2
8.5V
3A
9m
BG1
VFB1
VFB2
SENSE1+
SENSE1–
SENSE2+
SENSE2–
SENSE3–
SENSE3+
DRVCC
INTVCC
DRVSET
BOOST1
TG3
BOOST3
SW3
BG3
ITH1,2,3
VFB3
SW1
TG2
BG2
GND
BOOST2
SW2
6.5µH
15m
220µF
33µF
0.1µF
4.7µF
33µF
VOUT3
REGULATED AT 10V
WHEN VIN < 10V
FOLLOWS VIN WHEN
VIN > 10V
VIN
2.2V TO 60V
(START-UP
ABOVE 5V)
68µF
3899 TA01a
VPRG3
OUTPUT CURRENT(A)
0.01
95
94
92
90
93
91
89
88
1
3899 TA01b
10
0.1
VIN = 12V
VOUT = 5V
Burst Mode OPERATION
5V
6V
8V
10V
GATE DRIVE (DRVCC)


Similar Part No. - LTC3899

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3899 LINER-LTC3899 Datasheet
1Mb / 38P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3899 LINER-LTC3899 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3899 LINER-LTC3899 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3899 LINER-LTC3899 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTC3899 LINER-LTC3899 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
More results

Similar Description - LTC3899

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859AL LINER-LTC3859AL Datasheet
598Kb / 44P
Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
LTC3859AL LINER-LTC3859AL_15 Datasheet
598Kb / 44P
Triple Output, Buck/Buck/Boost Synchronous Controller with 28A Burst Mode IQ
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
LTC7811 AD-LTC7811 Datasheet
2Mb / 42P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com