Electronic Components Datasheet Search
  English  ▼

X  

LTC3703 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3703
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 30Page - Linear Technology LTC3703 Datasheet HTML 31Page - Linear Technology LTC3703 Datasheet HTML 32Page - Linear Technology LTC3703 Datasheet HTML 33Page - Linear Technology LTC3703 Datasheet HTML 34Page - Linear Technology LTC3703 Datasheet HTML 35Page - Linear Technology LTC3703 Datasheet HTML 36Page - Linear Technology LTC3703 Datasheet HTML 37Page - Linear Technology LTC3703 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
LTC3895
36
3895fa
For more information www.linear.com/LTC3895
package DescripTion
Please refer to http://www.linear.com/product/LTC3895#packaging for the most recent package drawings.
4.75
(.187)
REF
FE38 (AB) TSSOP REV B 0910
0.09 – 0.20
(.0035 – .0079)
0
° – 8°
0.25
REF
0.50 – 0.75
(.020 – .030)
4.30 – 4.50*
(.169 – .177)
1
19
PIN NUMBERS 23, 25, 27, 29, 31, 33 AND 35 ARE REMOVED
20
REF
9.60 – 9.80*
(.378 – .386)
38
1.20
(.047)
MAX
0.05 – 0.15
(.002 – .006)
0.50
(.0196)
BSC
0.17 – 0.27
(.0067 – .0106)
TYP
RECOMMENDED SOLDER PAD LAYOUT
0.315 ±0.05
0.50 BSC
4.50 REF
6.60 ±0.10
1.05 ±0.10
4.75 REF
2.74 REF
2.74
(.108)
MILLIMETERS
(INCHES)
*DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.150mm (.006") PER SIDE
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
SEE NOTE 4
4. RECOMMENDED MINIMUM PCB METAL SIZE
FOR EXPOSED PAD ATTACHMENT
6.40
(.252)
BSC
FE Package
Package Variation: FE38 (31)
38-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1865 Rev B)
Exposed Pad Variation AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com