Electronic Components Datasheet Search
  English  ▼

X  

LTC3886 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3886
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3886 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3886 Datasheet HTML 18Page - Linear Technology LTC3886 Datasheet HTML 19Page - Linear Technology LTC3886 Datasheet HTML 20Page - Linear Technology LTC3886 Datasheet HTML 21Page - Linear Technology LTC3886 Datasheet HTML 22Page - Linear Technology LTC3886 Datasheet HTML 23Page - Linear Technology LTC3886 Datasheet HTML 24Page - Linear Technology LTC3886 Datasheet HTML 25Page - Linear Technology LTC3886 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
LTC3884/LTC3884-1
22
3884fe
For more information www.linear.com/LTC3884
OPERATION
The degradation in EEPROM retention for temperatures
>125°C can be approximated by calculating the dimen-
sionless acceleration factor using the following equation:
AF
= e
Ea
k
⎛
⎝⎜
⎞
⎠⎟
•
1
TUSE+273
–
1
TSTRESS+273
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎤
⎦
⎥
where:
AF = acceleration factor
Ea = activation energy = 1.4eV
K = 8.617 • 10–5 eV/°K
TUSE = 125°C specified junction temperature
TSTRESS = actual junction temperature in °C
Example: Calculate the effect on retention when operating
at a junction temperature of 135°C for 10 hours.
TSTRESS = 130°C
TUSE = 125°C,
AF = e([(1.4/8.617 • 10
–5) • (1/398 – 1/403)] ) = 16.6
The equivalent operating time at 125°C = 16.6 hours.
Thus the overall retention of the EEPROM was degraded by
16.6hoursasaresultofoperatingatajunctiontemperatureof
130°C for 10 hours. The effect of the overstress is negligible
when compared to the overall EEPROM retention rating of
87,600 hours at a maximum junction temperature of 125°C.
TheintegrityoftheentireonboardEEPROMischeckedwith
a CRC calculation each time its data is to be read, such as
after a power-on reset or execution of a RESTORE_USER_
ALL command. If a CRC error occurs, the CML bit is set in
the STATUS_BYTE and STATUS_WORD commands, the
EEPROM CRC Error bit in the STATUS_MFR_SPECIFIC
command is set, and the ALERT and RUN pins pulled
low (PWM channels off). At that point the device will only
respond at special address 0x7C, which is activated only
after an invalid CRC has been detected. The chip will also
respond at the global addresses 0x5A and 0x5B, but use
of these addresses when attempting to recover from a
CRC issue is not recommended. All power supply rails
associated with either PWM channel of a device reporting
an invalid CRC should remain disabled until the issue is
resolved. See the application Information section or con-
tact the factory for details on efficient in-system EEPROM
programming, including bulk EEPROM Programming,
which the LTC3884 also supports.
POWER-UP AND INITIALIZATION
The LTC3884 is designed to provide standalone supply
sequencing and controlled turn-on and turn-off operation.
It operates from a single input supply (4.5V to 38V) while
three on-chip linear regulators generate internal 2.5V, 3.3V
and 5.5V. If VIN does not exceed 6V, and the EXTVCC pin
is not driven by an external supply, the INTVCC and VIN
pins must be tied together. The controller configuration is
initialized by an internal threshold based UVLO where VIN
must be approximately 4V and the 5.5V, 3.3V and 2.5V
linear regulators must be within approximately 20% of
the regulated values. In addition to power supply,a PMBus
RESTORE_USER_ALL or MFR_RESET command can
initialize the part too.
TheEXTVCCpinisdrivenbyanexternalregulatortoimprove
efficiency of the circuit and minimize power loss on the
LTC3884 when VIN is high. The EXTVCC pin must exceed
approximately 4.7V, and VIN must exceed approximately
7V before the INTVCC LDO operates from the EXTVCC pin.
To minimize application power, the EXTVCC pin can be
supplied by a switching regulator.
During initialization, the external configuration resistors
are identified and/or contents of the NVM are read into the
controller’scommandsandtheBGn,TGnpinsareheldlow
for LTC3884. The RUNnandFAULTnandPGOODnareheld
low for the LTC3884, or PWM pins are in three-state for the
LTC3884-1. The LTC3884 will use the contents of Table 3
to Table 6 to determine the resistor defined parameters.
See the Resistor Configuration section for more details.
The resistor configuration pins only control some of the
preset values of the controller. The remaining values are
programmed in NVM either at the factory or by the user.
If the configuration resistors are not inserted or if the ignore
RCONFIG bit is asserted (bit 6 of the MFR_CONFIG_ALL
configuration command), the LTC3884 will use only the
contentsofNVMtodeterminetheDC/DCcharacteristics.The
ASEL0/1valuereadatpower-uporresetisalwaysrespected
unless the pin is open. The ASEL0/1 will set the MSB and
the LSB from the detected threshold. See the Applications
Information section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com